công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 560 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 560 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 556Page - Renesas Technology Corp H8S/2472 Datasheet HTML 557Page - Renesas Technology Corp H8S/2472 Datasheet HTML 558Page - Renesas Technology Corp H8S/2472 Datasheet HTML 559Page - Renesas Technology Corp H8S/2472 Datasheet HTML 560Page - Renesas Technology Corp H8S/2472 Datasheet HTML 561Page - Renesas Technology Corp H8S/2472 Datasheet HTML 562Page - Renesas Technology Corp H8S/2472 Datasheet HTML 563Page - Renesas Technology Corp H8S/2472 Datasheet HTML 564Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 560 / 1250 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Aug. 20, 2008 Page 512 of 1198
REJ09B0403-0200
15.3.4
Transmitter Holding Register (FTHR)
FTHR is an 8-bit write-only register that stores serial transmit data. It is accessible when the
DLAB bit in FLCR is 0. Write transmit data while the THRE bit in FLCR is set to 1.
Data can be written to FTHR when the THRE bit is set with the FIFO disabled. If data is written to
FTHR when the THRE bit is not set, the data is overwritten.
While the THRE bit is set with the FIFO enabled, up to 16 bytes of data can be written. If data is
written with the FIFO full, the written data is lost.
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
Bit 7 to
bit 0
W
Stores serial data to be transmitted.
The data is 16 bytes when the FIFO is enabled.
15.3.5
Divisor Latch H, L (FDLH, FDLL)
The FDLH and FDLL are registers used to set the baud rate. They are accessible when the DLAB
bit in FLCR is 1. Frequency division ranging from 1 to (2
16
− 1) can be set with these registers.
The frequency divider circuit stops when both of FDLH and FDLL are 0 (initial value).
• FDLH
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
Bit 7 to
bit 0
All 0
R/W
Upper 8 bits of divisor latch
• FDLL
Bit
Bit Name
Initial Value
R/W
Description
7 to 0
Bit 7 to
bit 0
All 0
R/W
Lower 8 bits of divisor latch
Baud rate = (Clock frequency input to baud rate generator) / (16
× divisor value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com