công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 558 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 558 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 554Page - Renesas Technology Corp H8S/2472 Datasheet HTML 555Page - Renesas Technology Corp H8S/2472 Datasheet HTML 556Page - Renesas Technology Corp H8S/2472 Datasheet HTML 557Page - Renesas Technology Corp H8S/2472 Datasheet HTML 558Page - Renesas Technology Corp H8S/2472 Datasheet HTML 559Page - Renesas Technology Corp H8S/2472 Datasheet HTML 560Page - Renesas Technology Corp H8S/2472 Datasheet HTML 561Page - Renesas Technology Corp H8S/2472 Datasheet HTML 562Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 1250 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Aug. 20, 2008 Page 510 of 1198
REJ09B0403-0200
15.3
Register Descriptions
The SCIF has the following registers. The register configuration of the SCIF is shown below.
Access to the registers is switched by the SCIFE bit in HICR5 and bit 3 in SUBMSTPBL. For
details, see table 15.2. For the SCIF address registers H and L (SCIFADRH, SCIFADRL) and
SERIRQ control register 4 (SIRQCR4), see section 19, LPC Interface (LPC).
• Host interface control register 5 (HICR5)
• Sub-chip module stop control register BL (SUBMSTPBL)
• Receive buffer register (FRBR)
• Transmitter holding register (FTHR)
• Divisor latch L (FDLL)
• Interrupt enable register (FIER)
• Divisor latch H (FDLH)
• Interrupt identification register (FIIR)
• FIFO control register (FFCR)
• Line control register (FLCR)
• Modem control register (FMCR)
• Line status register (FLSR)
• Modem status register (FMSR)
• Scratch pad register (FSCR)
• SCIF control register (SCIFCR)
• SCIF address register H (SCIFADRH)
• SCIF address register L (SCIFADRL)
• SERIRQ control register 4 (SIRQCR4)
Table 15.2
Register Access
SCIFE Bit in HICR5
0
1
Bit 3 in SUBMSTPBL 0
1
0
1
SCIFCR
H8S CPU
access*
2
Access disabled
H8S CPU
access*
2
Access disabled
Other than SCIFCR
H8S CPU
access*
2
Access disabled
LPC access*
1
LPC access*
1
Notes: 1. When LPC access is set, writing from the H8S CPU is disabled. The read value is H'FF.
2. When H8S CPU access is set, writing from the LPC is disabled. The read value is H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com