công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 555 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 555 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 551Page - Renesas Technology Corp H8S/2472 Datasheet HTML 552Page - Renesas Technology Corp H8S/2472 Datasheet HTML 553Page - Renesas Technology Corp H8S/2472 Datasheet HTML 554Page - Renesas Technology Corp H8S/2472 Datasheet HTML 555Page - Renesas Technology Corp H8S/2472 Datasheet HTML 556Page - Renesas Technology Corp H8S/2472 Datasheet HTML 557Page - Renesas Technology Corp H8S/2472 Datasheet HTML 558Page - Renesas Technology Corp H8S/2472 Datasheet HTML 559Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 555 / 1250 page
background image
Section 15 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Aug. 20, 2008 Page 507 of 1198
REJ09B0403-0200
Section 15 Serial Communication Interface with FIFO
(SCIF)
This LSI has single-channel serial communication interface with FIFO buffers (SCIF) that
supports asynchronous serial communication.
The SCIF enables asynchronous serial communication with standard asynchronous
communication LSIs such as a Universal Asynchronous Receiver/Transmitter (UART). The SCIF
also has independent 16-stage FIFO buffers for transmission and reception to provide efficient
high-speed continuous communication.
In addition, the SCIF can be connected to the LPC interface for direct control from the LPC host.
15.1
Features
• Full-duplex communication:
The transmitter and receiver are independent, enabling transmission and reception to be
executed simultaneously. Both the transmitter and receiver use 16-stage FIFO buffering,
enabling continuous transmission and continuous reception of serial data.
• On-chip baud rate generator allows any bit rate to be selected
• Modem control function
• Data length: Selectable from 5, 6, 7, and 8 bits
• Parity: Selectable from even parity, odd parity, and no parity
• Stop bit length: Selectable from 1, 1.5, and 2 bits
• Receive error detection: Parity, overrun, and framing errors
• Break detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com