công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 549 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 549 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 545Page - Renesas Technology Corp H8S/2472 Datasheet HTML 546Page - Renesas Technology Corp H8S/2472 Datasheet HTML 547Page - Renesas Technology Corp H8S/2472 Datasheet HTML 548Page - Renesas Technology Corp H8S/2472 Datasheet HTML 549Page - Renesas Technology Corp H8S/2472 Datasheet HTML 550Page - Renesas Technology Corp H8S/2472 Datasheet HTML 551Page - Renesas Technology Corp H8S/2472 Datasheet HTML 552Page - Renesas Technology Corp H8S/2472 Datasheet HTML 553Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 549 / 1250 page
background image
Section 14 CRC Operation Circuit (CRC)
Rev. 2.00 Aug. 20, 2008 Page 501 of 1198
REJ09B0403-0200
14.2.2
CRC Data Input Register (CRCDIR)
CRCDIR is an 8-bit readable/writable register, to which the bytes to be CRC-operated are written.
The result is obtained in CRCDOR.
14.2.3
CRC Data Output Register (CRCDOR)
CRCDOR is a 16-bit readable/writable register that contains the result of CRC operation when the
bytes to be CRC-operated are written to CRCDIR after CRCDOR is cleared. When the CRC
operation result is additionally written to the bytes to which CRC operation is to be performed, the
CRC operation result will be H'0000 if the data contains no CRC error. When bits 1 and 0 in
CRCCR are set to G1 = 0 and G0 = 1, respectively, the lower byte of this register contains the
result.
14.3
CRC Operation Circuit Operation
The CRC operation circuit generates a CRC code for LSB-first/MSB-first communications. An
example in which a CRC code for hexadecimal data H'F0 is generated using the X
16 + X12 + X5 + 1
polynomial with the G1 and G0 bits in CRCCR set to B'11 is shown below.
CRCCR
CRCDORH
CRCDORL
CRCDOR clearing
1. Write H'83 to CRCCR
1
7
0
0
0
00
0
7
0
7
0
7
0
1
1
0
0
0
0
0
00
0
0
0
0
0
0
00
0
CRCDIR
CRCDORH
CRCDORL
CRC code generation
2. Write H'F0 to CRCDIR
1
1
1
1
0
00
0
1
1
1
1
0
11
1
1
0
0
0
1
11
1
CRC code = H'F78F
CRC code
Output
Data
3. Read from CRCDOR
7
7
7
FF
F
0
8
7
00
0
4. Serial transmission (LSB first)
1
1
1
1
0
1
1
1
1
0
0
0
1
11
1
1
1
1
1
0
00
0
Figure 14.2 LSB-First Data Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com