công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 547 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 547 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 543Page - Renesas Technology Corp H8S/2472 Datasheet HTML 544Page - Renesas Technology Corp H8S/2472 Datasheet HTML 545Page - Renesas Technology Corp H8S/2472 Datasheet HTML 546Page - Renesas Technology Corp H8S/2472 Datasheet HTML 547Page - Renesas Technology Corp H8S/2472 Datasheet HTML 548Page - Renesas Technology Corp H8S/2472 Datasheet HTML 549Page - Renesas Technology Corp H8S/2472 Datasheet HTML 550Page - Renesas Technology Corp H8S/2472 Datasheet HTML 551Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 547 / 1250 page
background image
Section 14 CRC Operation Circuit (CRC)
Rev. 2.00 Aug. 20, 2008 Page 499 of 1198
REJ09B0403-0200
Section 14 CRC Operation Circuit (CRC)
This LSI has a cyclic redundancy check (CRC) operation circuit to enhance the reliability of data
transfer in high-speed communications, etc. The CRC operation circuit detects errors in data
blocks.
14.1
Features
The features of the CRC operation circuit are listed below.
• CRC code generated for any desired data length in an 8-bit unit
• CRC operation executed on eight bits in parallel
• One of three generating polynomials selectable
• CRC code generation for LSB-first or MSB-first communication selectable
Figure 14.1 is a block diagram of the CRC operation circuit.
CRC code
generation
circuit
CRCCR
CRCDIR
CRCDOR
Control
signal
[Legend]
CRCCR:
CRCDIR:
CRCDOR:
CRC control register
CRC data input register
CRC data output register
Figure 14.1 Block Diagram of CRC Operation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com