công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 548 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 548 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 544Page - Renesas Technology Corp H8S/2472 Datasheet HTML 545Page - Renesas Technology Corp H8S/2472 Datasheet HTML 546Page - Renesas Technology Corp H8S/2472 Datasheet HTML 547Page - Renesas Technology Corp H8S/2472 Datasheet HTML 548Page - Renesas Technology Corp H8S/2472 Datasheet HTML 549Page - Renesas Technology Corp H8S/2472 Datasheet HTML 550Page - Renesas Technology Corp H8S/2472 Datasheet HTML 551Page - Renesas Technology Corp H8S/2472 Datasheet HTML 552Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 548 / 1250 page
background image
Section 14 CRC Operation Circuit (CRC)
Rev. 2.00 Aug. 20, 2008 Page 500 of 1198
REJ09B0403-0200
14.2
Register Descriptions
The CRC operation circuit has the following registers.
• CRC control register (CRCCR)
• CRC data input register (CRCDIR)
• CRC data output register (CRCDOR)
14.2.1
CRC Control Register (CRCCR)
CRCCR initializes the CRC operation circuit, switches the operation mode, and selects the
generating polynomial.
Bit
Bit Name
Initial
Value
R/W
Description
7
DORCLR
0
W
CRCDOR Clear
Setting this bit to 1 clears CRCDOR to H
′0000.
6 to 3
All 0
R
Reserved
The initial value should not be changed.
2
LMS
0
R/W
CRC Operation Switch
Selects CRC code generation for LSB-first or MSB-first
communication.
0: Performs CRC operation for LSB-first communication.
The lower byte (bits 7 to 0) is first transmitted when
CRCDOR contents (CRC code) are divided into two
bytes to be transmitted in two parts.
1: Performs CRC operation for MSB-first communication.
The upper byte (bits 15 to 8) is first transmitted when
CRCDOR contents (CRC code) are divided into two
bytes to be transmitted in two parts.
1
0
G1
G0
0
0
R/W
R/W
CRC Generating Polynomial Select
These bits select the polynomial.
00: Reserved
01: X
8 + X2 + X + 1
10: X
16 + X15 + X2 + 1
11: X
16 + X12 + X5 + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com