công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 994 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 994 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 990Page - Renesas Technology Corp H8S/2117R Datasheet HTML 991Page - Renesas Technology Corp H8S/2117R Datasheet HTML 992Page - Renesas Technology Corp H8S/2117R Datasheet HTML 993Page - Renesas Technology Corp H8S/2117R Datasheet HTML 994Page - Renesas Technology Corp H8S/2117R Datasheet HTML 995Page - Renesas Technology Corp H8S/2117R Datasheet HTML 996Page - Renesas Technology Corp H8S/2117R Datasheet HTML 997Page - Renesas Technology Corp H8S/2117R Datasheet HTML 998Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 994 / 1024 page
background image
Section 28 Electrical Characteristics
Rev. 1.00 Apr. 28, 2008 Page 968 of 994
REJ09B0452-0100
28.3.3
Timing of On-Chip Peripheral Modules
Table 28.7 shows the on-chip peripheral module timing. The on-chip peripheral modules that can
be operated by the subclock (
φ = 32.768 kHz) are I/O ports, external interrupts (NMI, IRQ0 to
IRQ15, KIN0 to KIN15, WUE8 to WUE15, and KBCA to KBCD) and watchdog timer (WDT_1)
only. The system clock or LCLK operation can be used in the FSI.
Table 28.7
Timing of On-Chip Peripheral Modules
Conditions:
V
CC = 3.0 V to 3.6 V, VSS = 0 V, φ = 32.768 kHz*
1,
φ = 8 MHz to maximum
operating frequency, FSICK = 8 MHz to maximum operating frequency or LCLK
(33 MHz)
Item
Symbol
Min.
Max.
Unit
Test
Conditions
Output data delay time*
2
t
PWD
50
Input data setup time
t
PRS
30
I/O ports
Input data hold time
t
PRH
30
ns
Figure 28.9
Timer output delay time
t
TOCD
50
Timer input setup time
t
TICS
30
Figure 28.10
Timer clock input setup time
t
TCKS
30
ns
Single edge
t
TCKWH
1.5
TPU
Timer clock
pulse width
Both edges
t
TCKWL
2.5
t
cyc
Figure 28.11
Timer output delay time
t
TMOD
50
Figure 28.12
Timer reset input setup time
t
TMRS
30
Figure 28.14
Timer clock input setup time
t
TMCS
30
ns
Single edge
t
TMCWH
1.5
TMR
Timer clock
pulse width
Both edges
t
TMCWL
2.5
t
cyc
Figure 28.13
TCM input setup time
t
TCMS
30
Figure 28.15
TCM clock input setup time
t
TCMCKS
30
ns
TCM
TCM clock pulse width
t
TCMCKW
1.5
t
cyc
Figure 28.16
TDP input setup time
t
TDPS
30
Figure 28.17
TDP clock input setup time
t
TDPCKS
30
ns
TDP
TDP clock pulse width
t
TDPCKW
1.5
t
cyc
Figure 28.18
PWMU, PWMX
Pulse output delay time
t
PWOD
50
ns
Figure 28.19
Asynchronous
t
Scyc
4
Input clock cycle
Synchronous
6
t
cyc
SCI
Input clock pulse width
t
SCKW
0.4
0.6
t
Scyc
Figure 28.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com