công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 987 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 987 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 983Page - Renesas Technology Corp H8S/2117R Datasheet HTML 984Page - Renesas Technology Corp H8S/2117R Datasheet HTML 985Page - Renesas Technology Corp H8S/2117R Datasheet HTML 986Page - Renesas Technology Corp H8S/2117R Datasheet HTML 987Page - Renesas Technology Corp H8S/2117R Datasheet HTML 988Page - Renesas Technology Corp H8S/2117R Datasheet HTML 989Page - Renesas Technology Corp H8S/2117R Datasheet HTML 990Page - Renesas Technology Corp H8S/2117R Datasheet HTML 991Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 987 / 1024 page
background image
Section 28 Electrical Characteristics
Rev. 1.00 Apr. 28, 2008 Page 961 of 994
REJ09B0452-0100
Table 28.2
DC Characteristics (4) Using FSI Function
Conditions: V
CC = 3.0 V to 3.6 V, VSS = 0 V
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input high voltage
PB7 to PB4
V
IH
V
CC × 0.7
V
CC + 0.3
V
Input low voltage
V
IL
− 0.3
V
CC × 0.2
V
CC − 0.5
I
OH = −200 µA
Output high
voltage
V
OH
V
CC − 0.3
I
OH = −1 mA
Output low voltage
V
OL
0.4
I
OL = 1.6 mA
Input pull-up MOS
current
− l
P
30
300
µA
V
in = 0 V
Input capacitance
C
in
10
pF
V
in = 0 V, f = 1 MHz,
Ta = 25
°C
Table 28.3
Permissible Output Currents
Conditions:
V
CC = 3.0 V to 3.6 V, VSS = 0V
Item
Symbol Min. Typ. Max. Unit
Permissible output low
current (per pin)
SCL0, SDA0, SCL1, SDA1, SCL2,
SDA2, ExSCLA, ExSDAA, ExSCLB,
ExSDAB, PS2AC to PS2DC, PS2AD
to S2DD, and PA7 to PA4 (bus drive
function selected)
I
OL
8
mA
Ports 1, 2, 3, C, and D
5
Other output pins
2
Total of ports 1, 2, 3, C, and D
ΣI
OL
40
Permissible output low
current (total)
Total of all output pins, including the
above
60
Permissible output high
current (per pin)
All output pins
–I
OH
2
Permissible output high
current (total)
Total of all output pins
Σ– I
OH
30
Notes: 1. To protect LSI reliability, do not exceed the output current values in table 28.3.
2. When driving a Darlington transistor or LED, always insert a current-limiting resistor in
the output line, as show in figures 28.1 and 28.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com