công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 986 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 986 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 982Page - Renesas Technology Corp H8S/2117R Datasheet HTML 983Page - Renesas Technology Corp H8S/2117R Datasheet HTML 984Page - Renesas Technology Corp H8S/2117R Datasheet HTML 985Page - Renesas Technology Corp H8S/2117R Datasheet HTML 986Page - Renesas Technology Corp H8S/2117R Datasheet HTML 987Page - Renesas Technology Corp H8S/2117R Datasheet HTML 988Page - Renesas Technology Corp H8S/2117R Datasheet HTML 989Page - Renesas Technology Corp H8S/2117R Datasheet HTML 990Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 986 / 1024 page
background image
Section 28 Electrical Characteristics
Rev. 1.00 Apr. 28, 2008 Page 960 of 994
REJ09B0452-0100
Notes:
1.
Do not leave the AVCC, AVref, and AVSS pins open even if the A/D converter is not used.
Even if the A/D converter is not used, apply a value in the range from 3.0 V to 3.6 V to the AVCC
and AVref pins by connecting to the power supply (V
CC). The relationship between these two pins
should be AVref
≤ AV
CC.
2.
Ports A, G, I, P97, P86, P52, P42, and peripheral module outputs multiplexed on the pin are
NMOS push-pull outputs.
An external pull-up resistor is necessary to provide high-level output from SCL0, SCL1, SDA0,
SDA1, SDA2, SCL2, ExSCLA, ExSCLB, ExSDAA, and ExSDAB (ICE bit in ICCR is 1).
Ports A, G, I, P97, P86, P52, and P42 (ICE bit in ICCR is 0) high levels are driven by NMOS. An
external pull-up resistor is necessary to provide high-level output from these pins when they are
used as an output.
3.
Indicates values when ICCS = 0, ICE = 0, and KBIOE = 0. Low level output when the bus drive
function is selected is rated separately.
4.
Current consumption values are for V
IH min = VCC – 0.2 V and VIL max = 0.2 V with all output pins
unloaded and the on-chip pull-up MOSs in the off state.
Table 28.2
DC Characteristics (3) Using LPC Function
Conditions: V
CC = 3.0 V to 3.6 V, VSS = 0 V
Item
Symbol
Min.
Max.
Unit
Test
Conditions
Input high voltage
P37 to P30,
P82 to P80,
PB1, PB0
V
IH
V
CC × 0.5
V
Input low voltage
P37 to P30,
P82 to P80,
PB1, PB0
V
IL
V
CC × 0.3
V
Output high voltage
P37, P33 to P30,
P82 to P80,
PB1, PB0
V
OH
V
CC × 0.9
V
I
OH = - 0.5
mA
Output low voltage
P37, P33 to P30,
P82 to P80,
PB1, PB0
V
OL
V
CC×0.1
V
I
OL = 1.5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com