công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 799 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 799 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 795Page - Renesas Technology Corp H8S/2117R Datasheet HTML 796Page - Renesas Technology Corp H8S/2117R Datasheet HTML 797Page - Renesas Technology Corp H8S/2117R Datasheet HTML 798Page - Renesas Technology Corp H8S/2117R Datasheet HTML 799Page - Renesas Technology Corp H8S/2117R Datasheet HTML 800Page - Renesas Technology Corp H8S/2117R Datasheet HTML 801Page - Renesas Technology Corp H8S/2117R Datasheet HTML 802Page - Renesas Technology Corp H8S/2117R Datasheet HTML 803Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 799 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 773 of 994
REJ09B0452-0100
(3)
Flash Program/Erase Frequency Parameter (FPEFEQ: General Register ER0 of CPU)
FPEFEQ sets the operating frequency of the CPU. The operating frequency available in this LSI
ranges from 8 MHz to 20 MHz.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
Unused
These bits should be cleared to 0.
15 to 0
F15 to F0
R/W
Frequency Set
These bits set the operating frequency of the CPU. The
setting value must be calculated as follows:
1. Round off the operating frequency expressed in MHz
unit at the third decimal place to make it into two
decimal places.
2. Multiply the rounded number by 100 and convert the
result into binary and write it to FPEFEQ (general
register ER0).
For example, when the operating frequency of the CPU
is 20.000 MHz, the setting value is as follows:
1. Round 20.000 off at the third decimal place as
20.00.
2. Convert 20.00
× 100 = 2000 into a binary number
and set B'0000 0111 1101 0000 (H'07D0) in ER0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com