công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 795 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 795 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 791Page - Renesas Technology Corp H8S/2117R Datasheet HTML 792Page - Renesas Technology Corp H8S/2117R Datasheet HTML 793Page - Renesas Technology Corp H8S/2117R Datasheet HTML 794Page - Renesas Technology Corp H8S/2117R Datasheet HTML 795Page - Renesas Technology Corp H8S/2117R Datasheet HTML 796Page - Renesas Technology Corp H8S/2117R Datasheet HTML 797Page - Renesas Technology Corp H8S/2117R Datasheet HTML 798Page - Renesas Technology Corp H8S/2117R Datasheet HTML 799Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 795 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 769 of 994
REJ09B0452-0100
(b)
Programming
FPFR indicates the return value of the programming result.
Bit
Bit Name
Initial
Value
R/W
Description
7
Unused
Returns 0.
6
MD
R/W
Programming Mode Related Setting Error Detect
Detects the error protection state and returns the result.
When the error protection state is entered, this bit is set
to 1. Whether the error protection state is entered or not
can be confirmed with the FLER bit in FCCS. For
conditions to enter the error protection state see section
24.9.3, Error Protection.
0: Normal operation (FLER = 0)
1: Error protection state, and programming cannot be
performed (FLER = 1)
5
EE
R/W
Programming Execution Error Detect
Writes 1 to this bit when the specified data could not be
written because the user MAT was not erased. If this bit
is set to 1, there is a high possibility that the user MAT
has been written to partially. In this case, after removing
the error factor, erase the user MAT. Also an attempt to
write the user MAT when the FMATS value is H'AA and
the user boot MAT is selected leads to a programming
execution error. In that case, both the user MAT and
user boot MAT are not rewritten. Writing to the user boot
MAT must be performed in boot mode or programmer
mode.
0: Programming has ended normally
1: Programming has ended abnormally (programming
result is not guaranteed)
4
FK
R/W
Flash Key Register Error Detect
Checks the FKEY value (H'5A) before programming
starts, and returns the result.
0: FKEY setting is normal (H'5A)
1: FKEY setting is abnormal (value other than H'5A)
3
Unused
Returns 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com