công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 797 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 797 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 793Page - Renesas Technology Corp H8S/2117R Datasheet HTML 794Page - Renesas Technology Corp H8S/2117R Datasheet HTML 795Page - Renesas Technology Corp H8S/2117R Datasheet HTML 796Page - Renesas Technology Corp H8S/2117R Datasheet HTML 797Page - Renesas Technology Corp H8S/2117R Datasheet HTML 798Page - Renesas Technology Corp H8S/2117R Datasheet HTML 799Page - Renesas Technology Corp H8S/2117R Datasheet HTML 800Page - Renesas Technology Corp H8S/2117R Datasheet HTML 801Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 797 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 771 of 994
REJ09B0452-0100
(c)
Erasure
FPFR indicates the return value of the erasure result.
Bit
Bit Name
Initial
Value
R/W
Description
7
Unused
Returns 0.
6
MD
R/W
Erasure Mode Related Setting Error Detect
Detects the error protection state and returns the result.
When the error protection state is entered, this bit is set
to 1. Whether the error protection state is entered or not
can be confirmed with the FLER bit in FCCS. For
conditions to enter the error protection state see section
24.9.3, Error Protection.
0: Normal operation (FLER = 0)
1: Error protection state, and programming cannot be
erased (FLER = 1)
5
EE
R/W
Erasure Execution Error Detect
Returns 1 when the user MAT could not be erased or
when the flash memory related register settings are
partially changed. If this bit is set to 1, there is a high
possibility that the user MAT has been erased partially.
In this case, after removing the error factor, erase the
user MAT. Also an attempt to erase the user MAT when
the FMATS value is H'AA and the user boot MAT is
selected leads to an erasure execution error. In that
case, both the user MAT and user boot MAT are not
erased. Erasure of the user boot MAT must be
performed in boot mode or programmer mode.
0: Erasure has ended normally
1: Erasure has ended abnormally
4
FK
R/W
Flash Key Register Error Detect
Checks the FKEY value (H'5A) before erasure starts,
and returns the result.
0: FKEY setting is normal (H'5A)
1: FKEY setting is abnormal (value other than H'5A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com