công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 791 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 791 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 787Page - Renesas Technology Corp H8S/2117R Datasheet HTML 788Page - Renesas Technology Corp H8S/2117R Datasheet HTML 789Page - Renesas Technology Corp H8S/2117R Datasheet HTML 790Page - Renesas Technology Corp H8S/2117R Datasheet HTML 791Page - Renesas Technology Corp H8S/2117R Datasheet HTML 792Page - Renesas Technology Corp H8S/2117R Datasheet HTML 793Page - Renesas Technology Corp H8S/2117R Datasheet HTML 794Page - Renesas Technology Corp H8S/2117R Datasheet HTML 795Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 791 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 765 of 994
REJ09B0452-0100
24.7.2
Programming/Erasing Interface Parameters
The programming/erasing interface parameters specify the operating frequency, storage place for
program data, start address of programming destination, and erase block number, and exchanges
the execution result. These parameters use the general registers of the CPU (ER0 and ER1) or the
on-chip RAM area. The initial values of programming/erasing interface parameters are undefined
at a power-on reset or a transition to software standby mode.
Since registers of the CPU except for R0L are saved in the stack area during download of an on-
chip program, initialization, programming, or erasing, allocate the stack area before performing
these operations (the maximum stack size is 128 bytes). The return value of the processing result
is written in R0L. The programming/erasing interface parameters are used in download control,
initialization before programming or erasing, programming, and erasing. Table 24.6 shows the
usable parameters and target modes. The meaning of the bits in the flash pass and fail result
parameter (FPFR) varies in initialization, programming, and erasure.
Table 24.6
Parameters and Target Modes
Parameter
Download
Initialization
Programming
Erasure
R/W
Initial
Value
Allocation
DPFR
O
R/W
Undefined
On-chip RAM*
FPFR
O
O
O
R/W
Undefined
R0L of CPU
FPEFEQ
O
R/W
Undefined
ER0 of CPU
FMPAR
O
R/W
Undefined
ER1 of CPU
FMPDR
O
R/W
Undefined
ER0 of CPU
FEBS
O
R/W
Undefined
ER0 of CPU
Note:
*
A single byte of the start address of the on-chip RAM specified by FTDAR
(a)
Download Control
The on-chip program is automatically downloaded by setting the SCO bit in FCCS to 1. The on-
chip RAM area to download the on-chip program is the 4-kbyte area starting from the start address
specified by FTDAR. Download is set by the programming/erasing interface registers, and the
download pass and fail result parameter (DPFR) indicates the return value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com