công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 790 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 790 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 786Page - Renesas Technology Corp H8S/2117R Datasheet HTML 787Page - Renesas Technology Corp H8S/2117R Datasheet HTML 788Page - Renesas Technology Corp H8S/2117R Datasheet HTML 789Page - Renesas Technology Corp H8S/2117R Datasheet HTML 790Page - Renesas Technology Corp H8S/2117R Datasheet HTML 791Page - Renesas Technology Corp H8S/2117R Datasheet HTML 792Page - Renesas Technology Corp H8S/2117R Datasheet HTML 793Page - Renesas Technology Corp H8S/2117R Datasheet HTML 794Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 790 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 764 of 994
REJ09B0452-0100
(6)
Flash Transfer Destination Address Register (FTDAR)
FTDAR specifies the start address of the on-chip RAM at which to download an on-chip program.
FTDAR must be set before setting the SCO bit in FCCS to 1.
Bit
Bit Name
Initial
Value
R/W
Description
7
TDER
0
R/W
Transfer Destination Address Setting Error
This bit is set to 1 when an error has occurred in setting
the start address specified by bits TDA6 to TDA0.
A start address error is determined by whether the value
set in bits TDA6 to TDA0 is within the range of H'00 to
H'01 when download is executed by setting the SCO bit
in FCCS to 1. Make sure that this bit is cleared to 0
before setting the SCO bit to 1 and the value specified
by bits TDA6 to TDA0 should be within the range of
H'00 to H'01.
0: The value specified by bits TDA6 to TDA0 is within
the range.
1: The value specified by bits TDA6 to TDA0 is between
H'02 and H'FF and download has stopped.
6
5
4
3
2
1
0
TDA6
TDA5
TDA4
TDA3
TDA2
TDA1
TDA0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Transfer Destination Address
Specifies the on-chip RAM start address of the
download destination. A value between H'00 and H'01,
and up to 3 kbytes can be specified as the start address
of the on-chip RAM.
H'00:
H'FFD080 is specified as the start
address.
H'01:
H'FFD880 is specified as the start
address.
H'02 to H'7F: Setting prohibited.
(Specifying a value from H'02 to H'7F sets
the TDER bit to 1 and stops download of
the on-chip program.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com