công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 789 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 789 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 785Page - Renesas Technology Corp H8S/2117R Datasheet HTML 786Page - Renesas Technology Corp H8S/2117R Datasheet HTML 787Page - Renesas Technology Corp H8S/2117R Datasheet HTML 788Page - Renesas Technology Corp H8S/2117R Datasheet HTML 789Page - Renesas Technology Corp H8S/2117R Datasheet HTML 790Page - Renesas Technology Corp H8S/2117R Datasheet HTML 791Page - Renesas Technology Corp H8S/2117R Datasheet HTML 792Page - Renesas Technology Corp H8S/2117R Datasheet HTML 793Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 789 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 763 of 994
REJ09B0452-0100
(5)
Flash MAT Select Register (FMATS)
FMATS specifies whether the user MAT or user boot MAT is selected.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
MS7
MS6
MS5
MS4
MS3
MS2
MS1
MS0
0/1
*
0
0/1
*
0
0/1
*
0
0/1
*
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
MAT Select
The user MAT is selected when a value other than
H'AA is written, and the user boot MAT is selected
when H'AA is written. The MAT is switched by writing a
value in FMATS. To switch the MAT, make sure to
follow section 24.10, Switching between User MAT and
User Boot MAT. (The user boot MAT cannot be
programmed in user program mode even if the user
boot MAT is selected by FMATS. The user boot MAT
must be programmed in boot mode or programmer
mode.)
H'AA: User boot MAT is selected (user MAT is selected
when the value of these bits is other than H'AA).
Initial value when initiated in user boot mode.
H'00: Initial value when initiated in a mode other than
user boot mode (user MAT is selected).
[Programmable condition]
Execution state in the on-chip RAM
Note:
*
The initial value is 1 in user boot mode and 0 in a mode other than user boot mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com