công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 803 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 803 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 799Page - Renesas Technology Corp H8S/2117R Datasheet HTML 800Page - Renesas Technology Corp H8S/2117R Datasheet HTML 801Page - Renesas Technology Corp H8S/2117R Datasheet HTML 802Page - Renesas Technology Corp H8S/2117R Datasheet HTML 803Page - Renesas Technology Corp H8S/2117R Datasheet HTML 804Page - Renesas Technology Corp H8S/2117R Datasheet HTML 805Page - Renesas Technology Corp H8S/2117R Datasheet HTML 806Page - Renesas Technology Corp H8S/2117R Datasheet HTML 807Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 803 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 777 of 994
REJ09B0452-0100
(1)
Serial Interface Setting by Host
The SCI_1 is set to asynchronous mode, and the serial transmit/receive format is set to 8-bit data,
one stop bit, and no parity.
When a transition to boot mode is made, the boot program embedded in this LSI is initiated.
When the boot program is initiated, this LSI measures the low period of asynchronous serial
communication data (H'00) transmitted consecutively by the host, calculates the bit rate, and
adjusts the bit rate of the SCI_1 to match that of the host.
When bit rate adjustment is completed, this LSI transmits 1 byte of H'00 to the host as the bit
adjustment end sign. When the host receives this bit adjustment end sign normally, it transmits 1
byte of H'55 to this LSI. When reception is not executed normally, initiate boot mode again. The
bit rate may not be adjusted within the allowable range depending on the combination of the bit
rate of the host and the system clock frequency of this LSI. Therefore, the transfer bit rate of the
host and the system clock frequency of this LSI must be as shown in table 24.8.
D0
D1
D2
D3
D4
D5
D6
D7
Start
bit
Stop bit
Measure low period (9 bits) (data is H'00)
High period of
at least 1 bit
Figure 24.7 Automatic-Bit-Rate Adjustment Operation
Table 24.8
System Clock Frequency for Automatic-Bit-Rate Adjustment
Bit Rate of Host
System Clock Frequency of This LSI
9,600 bps
8 to 20 MHz
19,200 bps
8 to 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com