công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 778 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 778 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 774Page - Renesas Technology Corp H8S/2117R Datasheet HTML 775Page - Renesas Technology Corp H8S/2117R Datasheet HTML 776Page - Renesas Technology Corp H8S/2117R Datasheet HTML 777Page - Renesas Technology Corp H8S/2117R Datasheet HTML 778Page - Renesas Technology Corp H8S/2117R Datasheet HTML 779Page - Renesas Technology Corp H8S/2117R Datasheet HTML 780Page - Renesas Technology Corp H8S/2117R Datasheet HTML 781Page - Renesas Technology Corp H8S/2117R Datasheet HTML 782Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 778 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 752 of 994
REJ09B0452-0100
24.3
Flash Memory MAT Configuration
This LSI's flash memory is configured by the 160-Kbyte user MAT and 8-Kbyte user boot MAT.
The start address is allocated to the same address in the user MAT and user boot MAT. Therefore,
when program execution or data access is performed between two MATs, the MAT must be
switched by using FMATS.
The user MAT or user boot MAT can be read in all modes. However, the user boot MAT can be
programmed only in boot mode and programmer mode.
<User MAT>
<User boot MAT>
Address H'000000
Address H'027FFF
Address H'000000
Address H'001FFF
160K bytes
8K bytes
Figure 24.3 Flash Memory Configuration
The size of the user MAT is different from that of the user boot MAT. An address that exceeds the
size of the 8-Kbyte user boot MAT should not be accessed. If the attempt is made, data is read as
an undefined value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com