công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 777 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 777 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 773Page - Renesas Technology Corp H8S/2117R Datasheet HTML 774Page - Renesas Technology Corp H8S/2117R Datasheet HTML 775Page - Renesas Technology Corp H8S/2117R Datasheet HTML 776Page - Renesas Technology Corp H8S/2117R Datasheet HTML 777Page - Renesas Technology Corp H8S/2117R Datasheet HTML 778Page - Renesas Technology Corp H8S/2117R Datasheet HTML 779Page - Renesas Technology Corp H8S/2117R Datasheet HTML 780Page - Renesas Technology Corp H8S/2117R Datasheet HTML 781Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 777 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 751 of 994
REJ09B0452-0100
Reset state
Programmer
mode
User mode
User
program
mode
Boot mode
On-board programming mode
End of
programming/
erasure
Start of
programming/
erasure
RES
= 0
User
mode
setting
Boot
mode
setting
RES
= 0
RES = 0
Programmer mode setting
User
boot mode
Figure 24.2 Mode Transition of Flash Memory
Table 24.1
Differences between Boot Mode, User Program Mode, and Programmer Mode
Item
Boot Mode
User Program Mode
User Boot Mode
Programmer
Mode
Programming/
erasing environment
On-board
programming
On-board
programming
On-board
programming
PROM
programmer
Programming/
erasing enable MAT
• User MAT
• User boot
MAT
• User MAT
• User MAT
• User MAT
• User boot
MAT
All erasure
O (Automatic)
O
O
O (Automatic)
Block division
erasure
O*
1
O
O
×
Program data
transfer
From host via
SCI
Via any device
Via any device
Via
programmer
Reset initiation MAT Embedded
program
storage area
User MAT
User boot MAT
*2
Transition to user
mode
Changing mode
and reset
Changing FLSHE bit
setting
Changing mode
and reset
Notes: 1. All-erasure is performed. After that, the specified block can be erased.
2. In this LSI, the user programming mode is defined as the period from the timing when a
program concerning programming and erasure is started to the timing when the
program is completed. For details on a program concerning programming and erasure,
see section 24.8.2, User Program Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com