công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 776 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 776 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 772Page - Renesas Technology Corp H8S/2117R Datasheet HTML 773Page - Renesas Technology Corp H8S/2117R Datasheet HTML 774Page - Renesas Technology Corp H8S/2117R Datasheet HTML 775Page - Renesas Technology Corp H8S/2117R Datasheet HTML 776Page - Renesas Technology Corp H8S/2117R Datasheet HTML 777Page - Renesas Technology Corp H8S/2117R Datasheet HTML 778Page - Renesas Technology Corp H8S/2117R Datasheet HTML 779Page - Renesas Technology Corp H8S/2117R Datasheet HTML 780Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 776 / 1024 page
background image
Section 24 Flash Memory
Rev. 1.00 Apr. 28, 2008 Page 750 of 994
REJ09B0452-0100
FCCS
FPCS
FECS
FKEY
FTDAR
FMATS
Control unit
Memory MAT unit
Flash memory
User MAT: 160 kbytes
User boot MAT: 8 kbytes
Operating
mode
Mode pins
Internal data bus (16 bits)
Internal address bus
[Legend]
FCCS:
Flash code control/status register
FPCS:
Flash program code select register
FECS:
Flash erase code select register
FKEY:
Flash key code register
FMATS: Flash MAT select register
RAMER: Flash transfer destination address register
Note: To read/write the registers above, the FLSHE bit in the serial timer control register (STCR)
must be set to 1.
Figure 24.1 Block Diagram of Flash Memory
24.2
Mode Transition Diagram
When the mode pins are set in the reset state and reset start is performed, this LSI enters each
operating mode as shown in figure 24.2. Although the flash memory can be read in user mode, it
cannot be programmed or erased. The flash memory can be programmed or erased in boot mode,
user program mode, user boot mode, and programmer mode. The differences between boot mode,
user program mode, user boot mode, and programmer mode are shown in table 24.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com