công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 300 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 300 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 296Page - Renesas Technology Corp H8S/2112R Datasheet HTML 297Page - Renesas Technology Corp H8S/2112R Datasheet HTML 298Page - Renesas Technology Corp H8S/2112R Datasheet HTML 299Page - Renesas Technology Corp H8S/2112R Datasheet HTML 300Page - Renesas Technology Corp H8S/2112R Datasheet HTML 301Page - Renesas Technology Corp H8S/2112R Datasheet HTML 302Page - Renesas Technology Corp H8S/2112R Datasheet HTML 303Page - Renesas Technology Corp H8S/2112R Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 984 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 May 09, 2008 Page 274 of 954
REJ09B0462-0100
10.6
Interrupts
10.6.1
Interrupt Source and Priority
There are three kinds of TPU interrupt source: TGR input capture/compare match, TCNT
overflow, and TCNT underflow. Each interrupt source has its own status flag and enable/disabled
bit, allowing generation of interrupt request signals to be enabled or disabled individually. When
an interrupt request is generated, the corresponding status flag in TSR is set to 1. If the
corresponding enable/disable bit in TIER is set to 1 at this time, an interrupt is requested. The
interrupt request is cleared by clearing the status flag to 0. Relative channel priorities can be
changed by the interrupt controller, but the priority order within a channel is fixed. For details, see
section 6, Interrupt Controller. Table 10.25 lists the TPU interrupt sources.
Table 10.25 TPU Interrupts
Channel Name
Interrupt Source
Interrupt Flag
Priority*
TGI0A
TGRA_0 input capture/compare match
TGFA
High
TGI0B
TGRB_0 input capture/compare match
TGFB
TGI0C
TGRC_0 input capture/compare match
TGFC
TGI0D
TGRD_0 input capture/compare match
TGFD
0
TCI0V
TCNT_0 overflow
TCFV
TGI1A
TGRA_1 input capture/compare match
TGFA
TGI1B
TGRB_1 input capture/compare match
TGFB
TCI1V
TCNT_1 overflow
TCFV
1
TCI1U
TCNT_1 underflow
TCFU
TGI2A
TGRA_2 input capture/compare match
TGFA
TGI2B
TGRB_2 input capture/compare match
TGFB
TCI2V
TCNT_2 overflow
TCFV
2
TCI2U
TCNT_2 underflow
TCFU
Low
Note:
*
This table shows the initial state immediately after a reset. The relative channel
priorities can be changed by the interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com