công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 292 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 292 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 288Page - Renesas Technology Corp H8S/2112R Datasheet HTML 289Page - Renesas Technology Corp H8S/2112R Datasheet HTML 290Page - Renesas Technology Corp H8S/2112R Datasheet HTML 291Page - Renesas Technology Corp H8S/2112R Datasheet HTML 292Page - Renesas Technology Corp H8S/2112R Datasheet HTML 293Page - Renesas Technology Corp H8S/2112R Datasheet HTML 294Page - Renesas Technology Corp H8S/2112R Datasheet HTML 295Page - Renesas Technology Corp H8S/2112R Datasheet HTML 296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 984 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 May 09, 2008 Page 266 of 954
REJ09B0462-0100
Table 10.19 PWM Output Registers and Output Pins
Output Pins
Channel
Registers
PWM Mode 1
PWM Mode 2
TGRA_0
TIOCA0
TGRB_0
TIOCA0
TIOCB0
TGRC_0
TIOCC0
0
TGRD_0
TIOCC0
TIOCD0
TGRA_1
TIOCA1
1
TGRB_1
TIOCA1
TIOCB1
TGRA_2
TIOCA2
2
TGRB_2
TIOCA2
TIOCB2
Note:
In PWM mode 2, PWM output is not possible for the TGR register in which the period is set.
(1)
Example of PWM Mode Setting Procedure
Figure 10.21 shows an example of the PWM mode setting procedure.
PWM mode
Select counter clock
Select counter clearing source
Select waveform output level
Set TGR
Set PWM mode
Start count
<PWM mode>
Select the counter clock with bits TPSC2 to
TPSC0 in TCR. At the same time, select the
input clock edge with bits CKEG1 and CKEG0
in TCR.
Use bits CCLR2 to CCLR0 in TCR to select the
TGR to be used as the TCNT clearing source.
Use TIOR to designate the TGR as an output
compare register, and select the initial value and
output value.
Set the cycle in the TGR selected in [2], and set
the duty in the other the TGR.
Select the PWM mode with bits MD3 to MD0 in
TMDR.
Set the CST bit in TSTR to 1 start the count
operation.
[1]
[2]
[3]
[4]
[5]
[6]
[1]
[2]
[3]
[4]
[5]
[6]
Figure 10.21 Example of PWM Mode Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com