công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 276 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 276 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 272Page - Renesas Technology Corp H8S/2112R Datasheet HTML 273Page - Renesas Technology Corp H8S/2112R Datasheet HTML 274Page - Renesas Technology Corp H8S/2112R Datasheet HTML 275Page - Renesas Technology Corp H8S/2112R Datasheet HTML 276Page - Renesas Technology Corp H8S/2112R Datasheet HTML 277Page - Renesas Technology Corp H8S/2112R Datasheet HTML 278Page - Renesas Technology Corp H8S/2112R Datasheet HTML 279Page - Renesas Technology Corp H8S/2112R Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 984 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 May 09, 2008 Page 250 of 954
REJ09B0462-0100
10.3.9
Timer Synchro Register (TSYR)
TSYR selects independent operation or synchronous operation for the channel 0 to 2 TCNT
counters. A channel performs synchronous operation when the corresponding bit in TSYR is set to
1.
Bit
Bit Name
Initial
value
R/W
Description
7 to 3
0
R/W
Reserved
The initial value should not be changed.
2
1
0
SYNC2
SYNC1
SYNC0
0
0
0
R/W
R/W
R/W
Timer Synchro 2 to 0
These bits select whether operation is independent of
or synchronized with other channels.
When synchronous operation is selected, synchronous
presetting of multiple channels, and synchronous
clearing through counter clearing on another channel
are possible.
To set synchronous operation, the SYNC bits for at
least two channels must be set to 1. To set
synchronous clearing, in addition to the SYNC bit, the
TCNT clearing source must also be set by means of
bits CCLR2 to CCLR0 in TCR.
0: TCNT_n operates independently
(TCNT presetting /clearing is unrelated to other
channels)
1: TCNT_n performs synchronous operation
TCNT synchronous presetting/synchronous clearing
is possible
(n = 2 to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com