công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 255 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 255 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 251Page - Renesas Technology Corp H8S/2112R Datasheet HTML 252Page - Renesas Technology Corp H8S/2112R Datasheet HTML 253Page - Renesas Technology Corp H8S/2112R Datasheet HTML 254Page - Renesas Technology Corp H8S/2112R Datasheet HTML 255Page - Renesas Technology Corp H8S/2112R Datasheet HTML 256Page - Renesas Technology Corp H8S/2112R Datasheet HTML 257Page - Renesas Technology Corp H8S/2112R Datasheet HTML 258Page - Renesas Technology Corp H8S/2112R Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 984 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 May 09, 2008 Page 229 of 954
REJ09B0462-0100
Channel
Register Name
Abbreviation R/W
Initial
Value
Address
Data Bus
Width
Timer general register A_2
TGRA_2
R/W
H'FFFF H'FE78
16
Channel 2
Timer general register B_2
TGRB_2
R/W
H'FFFF H'FE7A
16
Timer start register
TSTR
R/W
H'00
H'FEB0
8
Common
Timer synchro register
TSYR
R/W
H'00
H'FEB1
8
10.3.1
Timer Control Register (TCR)
The TCR registers control the TCNT operation for each channel. The TPU has a total of three
TCR registers, one for each channel (channel 0 to 2). TCR register settings should be made only
when TCNT operation is stopped.
Bit
Bit Name
Initial
value
R/W
Description
7
6
5
CCLR2
CCLR1
CCLR0
0
0
0
R/W
R/W
R/W
Counter Clear 2 to 0
These bits select the TCNT counter clearing source.
For details, see tables 10.4 and 10.5.
4
3
CKEG1
CKEG0
0
0
R/W
R/W
Clock Edge 1 and 0
These bits select the input clock edge. When the input
clock is counted using both edges, the input clock cycle
is divided in 2 (
φ/4 both edges = φ/2 rising edge). If
phase counting mode is used on channels 1, 2, 4, and
5, this setting is ignored and the phase counting mode
setting has priority. Internal clock edge selection is valid
when the input clock is
φ/4 or slower. This setting is
ignored if the input clock is
φ/1 and rising edge count is
selected.
00: Count at rising edge
01: Count at falling edge
1x: Count at both edges
2
1
0
TPSC2
TPSC1
TPSC0
0
0
0
R/W
R/W
R/W
Time Prescaler 2 to 0
These bits select the TCNT counter clock. The clock
source can be selected independently for each channel.
For details, see tables 10.6 to 10.8.
[Legend]
x:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com