công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 241 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 241 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 237Page - Renesas Technology Corp H8S/2112R Datasheet HTML 238Page - Renesas Technology Corp H8S/2112R Datasheet HTML 239Page - Renesas Technology Corp H8S/2112R Datasheet HTML 240Page - Renesas Technology Corp H8S/2112R Datasheet HTML 241Page - Renesas Technology Corp H8S/2112R Datasheet HTML 242Page - Renesas Technology Corp H8S/2112R Datasheet HTML 243Page - Renesas Technology Corp H8S/2112R Datasheet HTML 244Page - Renesas Technology Corp H8S/2112R Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 984 page
background image
Section 9 8-Bit PWM Timer (PWMU)
Rev. 1.00 May 09, 2008 Page 215 of 954
REJ09B0462-0100
Clock
generator
PRELAT0
CNT0
REGLAT0
Comparator 0
PWMU00
(Output disabled)
PRELAT1
CNT1
REGLAT1
Comparator 1
PWMU01
Figure 9.3 Block Diagram of 12 and 16-bit Single Pulse Mode
When the PWMnE bit (n = 0 to 5) in PWMOUTCR is set to 1, the PWMU outputs pulses that start
with a high level. The updated PWMREG value is written in REGLAT, and the updated
PWMPRE value is written in PRELAT.
When the REGLAT value is less than the duty counter value, the PWMU outputs a high level
(when direct output is selected). At each PWM clock timing, the duty counter is incremented.
When the clock generator counter is H'00, the PWM clock is generated by decrementing the
PRELAT value.
Figure 9.4 shows an example of duty counter and clock generator counter operation.
H'78
φ
φ/4
Duty
counter
Clock generator
counter
PRELAT
REGLAT
PWMUO
H'79
H'80
H'80
H'81
H'01
H'01
H'01
H'01
H'01
H'00
H'00
H'00
H'00
Figure 9.4 Example of Duty Counter and Clock Generator Counter Operation
(When PWMPRE = H'01 and PWMREG = H'80 with
φ/4 Selected as Count Clock Source)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com