công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 157 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 157 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 153Page - Renesas Technology Corp H8S/2112R Datasheet HTML 154Page - Renesas Technology Corp H8S/2112R Datasheet HTML 155Page - Renesas Technology Corp H8S/2112R Datasheet HTML 156Page - Renesas Technology Corp H8S/2112R Datasheet HTML 157Page - Renesas Technology Corp H8S/2112R Datasheet HTML 158Page - Renesas Technology Corp H8S/2112R Datasheet HTML 159Page - Renesas Technology Corp H8S/2112R Datasheet HTML 160Page - Renesas Technology Corp H8S/2112R Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 984 page
background image
Section 6 Interrupt Controller
Rev. 1.00 May 09, 2008 Page 131 of 954
REJ09B0462-0100
6.6
Interrupt Control Modes and Interrupt Operation
The interrupt controller has two modes: interrupt control mode 0 and interrupt control mode 1.
Interrupt operations differ depending on the interrupt control mode. NMI and address break
interrupts are always accepted except for in the reset state. The interrupt control mode is selected
by SYSCR. Table 6.7 shows the interrupt control modes.
Table 6.7
Interrupt Control Modes
SYSCR
Interrupt
Control
Mode
INTM1
INTM0
Priority
Setting
Registers
Interrupt
Mask Bits
Description
0
0
0
ICR
I
Interrupt mask control is performed by
the I bit. Priority levels can be set with
ICR.
1
0
1
ICR
I, UI
3-level interrupt mask control is
performed by the I and UI bits. Priority
levels can be set with ICR.
Figure 6.6 shows a block diagram of the priority determination circuit.
ICR
UI
I
Default priority
determination
Vector
number
Interrupt
acceptance control
and 3-level mask
control
Interrupt
source
Interrupt control modes
0 and 1
Figure 6.6 Block Diagram of Interrupt Control Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com