công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 146 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 146 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 142Page - Renesas Technology Corp H8S/2112R Datasheet HTML 143Page - Renesas Technology Corp H8S/2112R Datasheet HTML 144Page - Renesas Technology Corp H8S/2112R Datasheet HTML 145Page - Renesas Technology Corp H8S/2112R Datasheet HTML 146Page - Renesas Technology Corp H8S/2112R Datasheet HTML 147Page - Renesas Technology Corp H8S/2112R Datasheet HTML 148Page - Renesas Technology Corp H8S/2112R Datasheet HTML 149Page - Renesas Technology Corp H8S/2112R Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 984 page
background image
Section 6 Interrupt Controller
Rev. 1.00 May 09, 2008 Page 120 of 954
REJ09B0462-0100
A block diagram of interrupts IRQ15 to IRQ0 is shown in figure 6.4.
IRQnE
IRQnF
S
R
Q
IRQn
ISSm
ExIRQn
IRQn interrupt
request
Clear signal
IRQnSCA, IRQnSCB
n = 15 to 7
m = 15 to 7
Note: Switching between the
IRQ6 and ExIRQ6 pins is controlled by the EIVS bit.
Edge/level
detection circuit
Figure 6.4 Block Diagram of Interrupts IRQ15 to IRQ0
(3)
KIN15 to KIN0 Interrupts
Interrupts KIN15 to KIN0 are requested by the input signals on pins
KIN15 to KIN0. Functions of
interrupts KIN15 to KIN0 change as follows according to the setting of the EIVS bit in system
control register 3 (SYSCR3).
• H8S/2140B Group compatible vector mode (EIVS = 0 in SYSCR3)
 Interrupts KIN15 to KIN8 correspond to interrupt IRQ7, and interrupts KIN7 to KIN0
correspond to interrupt IRQ6. The pin conditions for generating an interrupt request,
whether the interrupt request is enabled, interrupt control level setting, and status of the
interrupt request for the above interrupts are in accordance with the settings and status of
the relevant interrupts IRQ7 and IRQ6.
 KIN15 to KIN0 interrupt requests can be masked by using KMIMRA and KMIMRB.
 If the KIN7 to KIN0 pins are specified to be used as key-sensing interrupt input pins, the
interrupt sensing condition for the corresponding interrupt source (IRQ6 or IRQ7) must be
set to low-level sensing or falling-edge sensing.
 When using the IRQ6 pin as the IRQ6 interrupt input pin, the KMIMR6 bit must be cleared
to 0. When using the
IRQ7 pin as the IRQ7 interrupt input pin, the KMIMR15 to KMIMR8
bits must all be set to 1. If even one of these bits is cleared to 0, the IRQ7 interrupt input
from the
IRQ7 pin is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com