công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 106 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 106 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 102Page - Renesas Technology Corp H8S/2112R Datasheet HTML 103Page - Renesas Technology Corp H8S/2112R Datasheet HTML 104Page - Renesas Technology Corp H8S/2112R Datasheet HTML 105Page - Renesas Technology Corp H8S/2112R Datasheet HTML 106Page - Renesas Technology Corp H8S/2112R Datasheet HTML 107Page - Renesas Technology Corp H8S/2112R Datasheet HTML 108Page - Renesas Technology Corp H8S/2112R Datasheet HTML 109Page - Renesas Technology Corp H8S/2112R Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 984 page
background image
Section 4 Resets
Rev. 1.00 May 09, 2008 Page 80 of 954
REJ09B0462-0100
4.3.3
Timer Control/Status Register (TCSR)
TCSR selects the clock source to be input to TCNT of the watchdog timer, and the timer mode.
• TCSR_0
Bit
Bit Name
Initial
Value
R/W
Description
7
OVF
0
R/(W)* Overflow Flag
Indicates that TCNT has overflowed (changes from H'FF to
H'00).
[Setting condition]
When TCNT overflows (changes from H'FF to H'00)
When internal reset request generation is selected in
watchdog timer mode, OVF is cleared automatically by the
internal reset.
[Clearing conditions]
• When TCSR is read when OVF = 1, then 0 is written to
OVF
• When 0 is written to TME
6
WT/IT
0
R/W
Timer Mode Select
Selects whether the WDT is used as a watchdog timer or
interval timer
0: Interval timer mode
1: Watchdog timer mode
5
TME
0
R/W
Timer Enable
When this bit is set to 1, TCNT starts counting.
When this bit is cleared, TCNT stops counting and is
initialized to H'00.
4
0
R/W
Reserved
The initial value should not be changed.
3
RST/
NMI
0
R/W
Reset or NMI
Selects to request an internal reset or an NMI interrupt when
TCNT has overflowed.
0: An NMI interrupt is requested
1: An internal reset is requested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com