công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 478 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 478 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 474Page - Renesas Technology Corp H8S/2112R Datasheet HTML 475Page - Renesas Technology Corp H8S/2112R Datasheet HTML 476Page - Renesas Technology Corp H8S/2112R Datasheet HTML 477Page - Renesas Technology Corp H8S/2112R Datasheet HTML 478Page - Renesas Technology Corp H8S/2112R Datasheet HTML 479Page - Renesas Technology Corp H8S/2112R Datasheet HTML 480Page - Renesas Technology Corp H8S/2112R Datasheet HTML 481Page - Renesas Technology Corp H8S/2112R Datasheet HTML 482Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 984 page
background image
Section 15 CIR Interface
Rev. 1.00 May 09, 2008 Page 452 of 954
REJ09B0462-0100
15.8
Usage Note
(1) CIR Register Setting
Before starting the CIR reception, set the CIR by following the flow shown in figure 15.7.
Start of setting
Clear MSTPA3 bit in MSTPCRA to 0.
Set CPHS bit in CCR1.
Set each register.
Clear CSTR flag.
Set CEIR.
Set CIRE bit in CCR1 to 1.
End of setting
Figure 15.9 CIR Setting Flow
The CPHS bit in CCR1 should be set before starting reception. When the CIRI pin is high in the
idle state, set the CPHS bit to 1. When it is low in the idle state, clear the bit to 0. The BRR
register is initialized to H’FF by setting the SRES bit in CCR1 to 1. After setting each register in
the CIR, set the CIRE bit in CCR1 to 1 to enable the CIR reception.
(2) Switching between System Clock and Sub Clock
The CIR is capable of remote-control reception by using the sub clock in watch mode. Before
switching between the system clock and the sub clock, the CIR must be stopped by clearing the
CIRE bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com