công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 473 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 473 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 469Page - Renesas Technology Corp H8S/2112R Datasheet HTML 470Page - Renesas Technology Corp H8S/2112R Datasheet HTML 471Page - Renesas Technology Corp H8S/2112R Datasheet HTML 472Page - Renesas Technology Corp H8S/2112R Datasheet HTML 473Page - Renesas Technology Corp H8S/2112R Datasheet HTML 474Page - Renesas Technology Corp H8S/2112R Datasheet HTML 475Page - Renesas Technology Corp H8S/2112R Datasheet HTML 476Page - Renesas Technology Corp H8S/2112R Datasheet HTML 477Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 984 page
background image
Section 15 CIR Interface
Rev. 1.00 May 09, 2008 Page 447 of 954
REJ09B0462-0100
In case of reading more bytes than the number that has been received, (number of received bytes
+
1) of data are always read out from the FIFO.
Reception of more than 8 bytes by the FIFO structure for this CIR module leads to an overrun.
When an overrun occurs, only values up to the 8th byte to have been received are read out in
response to the reading of more than 8 bytes.
15.4.3
Operation in Watch Mode
Initiate the transition to watch mode after making the below settings for the mode transition.
• Select the subclock (φ
SUB) as the operating clock for the CIR module.
• Enable the CIR header-detected interrupt.
For a transition from watch mode to high-speed mode, the CIR module generates an interrupt on
detection of a received header, in accord with the settings before the transition.
The module is released from watch mode when the interrupt is generated, and makes the transition
to the high- or medium-speed mode.
15.4.4
Switching between System Clock and Sub Clock
If the operating clock is switched from the system clock to the subclock (
φ
SUB) while the CIR
module is operating, operation may not proceed correctly. To switch the operating clock, be sure
to stop the CIR module (by clearing the CIRE bit) beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com