công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 389 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 389 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 385Page - Renesas Technology Corp H8S/2112R Datasheet HTML 386Page - Renesas Technology Corp H8S/2112R Datasheet HTML 387Page - Renesas Technology Corp H8S/2112R Datasheet HTML 388Page - Renesas Technology Corp H8S/2112R Datasheet HTML 389Page - Renesas Technology Corp H8S/2112R Datasheet HTML 390Page - Renesas Technology Corp H8S/2112R Datasheet HTML 391Page - Renesas Technology Corp H8S/2112R Datasheet HTML 392Page - Renesas Technology Corp H8S/2112R Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 984 page
background image
Section 14 Serial Communication Interface (SCI)
Rev. 1.00 May 09, 2008 Page 363 of 954
REJ09B0462-0100
14.2
Input/Output Pins
Table 14.1 shows the input/output pins for each SCI channel.
Table 14.1
Pin Configuration
Channel
Pin Name*
Input/Output
Function
SCK1
Input/Output
Channel 1 clock input/output
RxD1
Input
Channel 1 receive data input
1
TxD1
Output
Channel 1 transmit data output
Note:
*
Pin names SCK, RxD, and TxD are used in the text for all channels, omitting the
channel designation.
14.3
Register Descriptions
The SCI has the following registers for each channel. Some bits in the serial mode register (SMR),
serial status register (SSR), and serial control register (SCR) have different functions in different
modes
normal serial communication interface mode and smart card interface mode; therefore,
the bits are described separately for each mode in the corresponding register sections.
Channel Register Name
Abbreviation R/W
Initial
Value
Address
Data Bus
Width
Serial mode register_1
SMR_1
R/W
H'00
H'FF88
8
Bit rate register_1
BRR_1
R/W
H'FF
H'FF89
8
Serial control register_1
SCR_1
R/W
H'00
H'FF8A
8
Transmit data register_1
TDR_1
R/W
H'FF
H'FF8B
8
Serial status register_1
SSR_1
R/W
H'84
H'FF8C
8
Receive data register_1
RDR_1
R
H'00
H'FF8D
8
Channel 1
Smart card mode register_1
SCMR_1
R/W
H'F2
H'FF8E
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com