công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 367 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 367 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 363Page - Renesas Technology Corp H8S/2112R Datasheet HTML 364Page - Renesas Technology Corp H8S/2112R Datasheet HTML 365Page - Renesas Technology Corp H8S/2112R Datasheet HTML 366Page - Renesas Technology Corp H8S/2112R Datasheet HTML 367Page - Renesas Technology Corp H8S/2112R Datasheet HTML 368Page - Renesas Technology Corp H8S/2112R Datasheet HTML 369Page - Renesas Technology Corp H8S/2112R Datasheet HTML 370Page - Renesas Technology Corp H8S/2112R Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 984 page
background image
Section 12 8-Bit Timer (TMR)
Rev. 1.00 May 09, 2008 Page 341 of 954
REJ09B0462-0100
12.7.3
Input Capture Operation
TMR_X has input capture registers (TICRR and TICRF). A narrow pulse width can be measured
with TICRR and TICRF, using a single capture. If the falling edge of TMRIX (TMR_X input
capture input signal) is detected after its rising edge has been detected, the value of TCNT_X at
that time is transferred to both TICRR and TICRF.
(1)
Input Capture Signal Input Timing
Figure 12.11 shows the timing of the input capture operation.
φ
TMRIX
Input capture
signal
TCNT_X
n
nn
m
M
m
N + 1
N
N
n + 1
TICRR
TICRF
Figure 12.11 Timing of Input Capture Operation
If the input capture signal is input while TICRR and TICRF are being read, the input capture
signal is delayed by one system clock
(φ) cycle. Figure 12.12 shows the timing of this operation.
φ
TMRIX
TICRR, TICRF read cycle
T
1
T
2
Input capture
signal
Figure 12.12 Timing of Input Capture Signal
(Input capture signal is input during TICRR and TICRF read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com