công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 362 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 362 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 358Page - Renesas Technology Corp H8S/2112R Datasheet HTML 359Page - Renesas Technology Corp H8S/2112R Datasheet HTML 360Page - Renesas Technology Corp H8S/2112R Datasheet HTML 361Page - Renesas Technology Corp H8S/2112R Datasheet HTML 362Page - Renesas Technology Corp H8S/2112R Datasheet HTML 363Page - Renesas Technology Corp H8S/2112R Datasheet HTML 364Page - Renesas Technology Corp H8S/2112R Datasheet HTML 365Page - Renesas Technology Corp H8S/2112R Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 984 page
background image
Section 12 8-Bit Timer (TMR)
Rev. 1.00 May 09, 2008 Page 336 of 954
REJ09B0462-0100
12.5.2
Timing of CMFA and CMFB Setting at Compare-Match
The CMFA and CMFB flags in TCSR are set to 1 by a compare-match signal generated when the
TCNT and TCOR values match. The compare-match signal is generated at the last state in which
the match is true, just when the timer counter is updated. Therefore, when TCNT and TCOR
match, the compare-match signal is not generated until the next TCNT input clock. Figure 12.6
shows the timing of CMF flag setting.
φ
TCNT
N
N + 1
TCOR
N
Compare-match
signal
CMF
Figure 12.6 Timing of CMF Setting at Compare-Match
12.5.3
Timing of Timer Output at Compare-Match
When a compare-match signal occurs, the timer output changes as specified by the OS3 to OS0
bits in TCSR. Figure 12.7 shows the timing of timer output when the output is set to toggle by a
compare-match A signal.
φ
Compare-match A
signal
Timer output pin
Figure 12.7 Timing of Toggled Timer Output by Compare-Match A Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com