công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 357 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 357 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 353Page - Renesas Technology Corp H8S/2112R Datasheet HTML 354Page - Renesas Technology Corp H8S/2112R Datasheet HTML 355Page - Renesas Technology Corp H8S/2112R Datasheet HTML 356Page - Renesas Technology Corp H8S/2112R Datasheet HTML 357Page - Renesas Technology Corp H8S/2112R Datasheet HTML 358Page - Renesas Technology Corp H8S/2112R Datasheet HTML 359Page - Renesas Technology Corp H8S/2112R Datasheet HTML 360Page - Renesas Technology Corp H8S/2112R Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 984 page
background image
Section 12 8-Bit Timer (TMR)
Rev. 1.00 May 09, 2008 Page 331 of 954
REJ09B0462-0100
Bit
Bit Name
Initial
Value
R/W
Description
1
0
OS1
OS0
0
0
R/W
R/W
Output Select 1 and 0
These bits specify how the TMOX pin output level is to
be changed by compare-match A of TCORA_X and
TCNT_X.
00: No change
01: 0 is output
10: 1 is output
11: Output is inverted (toggle output)
Note:
*
Only 0 can be written, for flag clearing.
12.3.6
Time Constant Register C (TCORC)
TCORC is an 8-bit readable/writable register. The sum of contents of TCORC and TICR is always
compared with TCNT. When a match is detected, a compare-match C signal is generated.
However, comparison at the T
2 state in the write cycle to TCORC and at the input capture cycle of
TICR is disabled. TCORC is initialized to H'FF.
12.3.7
Input Capture Registers R and F (TICRR and TICRF)
TICRR and TICRF are 8-bit read-only registers. While the ICST bit in TCONRI is set to 1, the
contents of TCNT are transferred at the rising edge and falling edge of the external reset input
(TMRIX) in that order. The ICST bit is cleared to 0 when one capture operation ends. TICRR and
TICRF are initialized to H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com