| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2149 bảng dữ liệu(PDF) 68 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149 bảng dữ liệu(HTML) 68 Page - Renesas Technology Corp |
|
68 / 1075 page ![]() Section 2 CPU Rev. 3.00 Jan 18, 2006 page 40 of 1044 REJ09B0280-0300 Stack Structure: In advanced mode, when the program counter (PC) is pushed onto the stack in a subroutine call, and the PC and condition-code register (CCR) are pushed onto the stack in exception handling, they are stored as shown in figure 2.5. The extended control register (EXR) is not pushed onto the stack. For details, see section 4, Exception Handling. (a) Subroutine Branch (b) Exception Handling PC (24 bits) CCR PC (24 bits) SP SP Reserved Figure 2.5 Stack Structure in Advanced Mode |