| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2149 bảng dữ liệu(PDF) 67 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149 bảng dữ liệu(HTML) 67 Page - Renesas Technology Corp |
|
67 / 1075 page ![]() Section 2 CPU Rev. 3.00 Jan 18, 2006 page 39 of 1044 REJ09B0280-0300 Exception Vector Table and Memory Indirect Branch Addresses: In advanced mode the top area starting at H'00000000 is allocated to the exception vector table in units of 32 bits. In each 32 bits, the upper 8 bits are ignored and a branch address is stored in the lower 24 bits (figure 2.4). For details of the exception vector table, see section 4, Exception Handling. H'00000000 H'00000003 H'00000004 H'0000000B H'0000000C Exception vector table Reserved Reset exception vector (Reserved for system use) Reserved Exception vector 1 Reserved H'00000010 H'00000008 H'00000007 Figure 2.4 Exception Vector Table (Advanced Mode) The memory indirect addressing mode (@@aa:8) employed in the JMP and JSR instructions uses an 8-bit absolute address included in the instruction code to specify a memory operand that contains a branch address. In advanced mode the operand is a 32-bit longword operand, providing a 32-bit branch address. The upper 8 bits of these 32 bits are a reserved area that is regarded as H'00. Branch addresses can be stored in the area from H'00000000 to H'000000FF. Note that the first part of this range is also the exception vector table. |