| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2149 bảng dữ liệu(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149 bảng dữ liệu(HTML) 35 Page - Renesas Technology Corp |
|
35 / 1075 page ![]() Section 1 Overview Rev. 3.00 Jan 18, 2006 page 7 of 1044 REJ09B0280-0300 1.2 Block Diagram Figure 1.1(a) is a block diagram of the H8S/2149. Figure 1.1(b) is a block diagram of the H8S/2169. H8S/2000 CPU DTC Interrup controller WDT0, WDT1 Keyboard buffer controller × 3 channels ROM RAM 8-bit PWM 16-bit FRT 8-bit timer × 4 channels (TMR0, TMR1, TMRX, TMRY) Timer connection 14-bit PWM Host interfaces (LPC, XBS) 10-bit A/D converter 8-bit D/A converter SCI × 3 channels (IrDA × 1 channel) IIC × 2 channels P17/A7/PW7 P16/A6/PW6 P15/A5/PW5 P14/A4/PW4 P13/A3/PW3 P12/A2/PW2 P11/A1/PW1 P10/A0/PW0 P27/A15/PW15/CBLANK P26/A14/PW14 P25/A13/PW13 P24/A12/PW12 P23/A11/PW11 P22/A10/PW10 P21/A9/PW9 P20/A8/PW8 PA7/A23/ KIN15/CIN15/PS2CD PA6/A22/ KIN14/CIN14/PS2CC PA5/A21/ KIN13/CIN13/PS2BD PA4/A20/ KIN12/CIN12/PS2BC PA3/A19/ KIN11/CIN11/PS2AD PA2/A18/ KIN10/CIN10/PS2AC PA1/A17/ KIN9/CIN9 PA0/A16/ KIN8/CIN8 P37/D15/HDB7/SERIRQ P36/D14/HDB6/LCLK P35/D13/HDB5/ LRESET P34/D12/HDB4/ LFRAME P33/D11/HDB3/LAD3 P32/D10/HDB2/LAD2 P31/D9/HDB1/LAD1 P30/D8/HDB0/LAD0 PB7/D7/ WUE7 PB6/D6/ WUE6 PB5/D5/ WUE5 PB4/D4/ WUE4 PB3/D3/ WUE3/CS4 PB2/D2/ WUE2/CS3 PB1/D1/ WUE1/HIRQ4/LSCI PB0/D0/ WUE0/HIRQ3/LSMI P97/ WAIT/SDA0 P96/ φ/EXCL P95/ AS/IOS/CS1 P94/ HWR/IOW P93/ RD/IOR P92/ IRQ0 P91/ IRQ1 P90/ LWR/IRQ2/ADTRG/ECS2 P67/TMOX/CIN7/ KIN7/IRQ7 P66/FTOB/CIN6/ KIN6/IRQ6 P65/FTID/CIN5/ KIN5 P64/FTIC/CIN4/ KIN4/CLAMPO P63/FTIB/CIN3/ KIN3/VFBACKI P62/FTIA/CIN2/ KIN2/VSYNCI/TMIY P61/FTOA/CIN1/ KIN1/VSYNCO P60/FTCI/CIN0/ KIN0/HFBACKI/TMIX P47/PWX1 P46/PWX0 P45/TMRI1/HIRQ12/CSYNCI P44/TMO1/HIRQ1/HSYNCO P43/TMCI1/HIRQ11/HSYNCI P42/TMRI0/SCK2/SDA1 P41/TMO0/RxD2/IrRxD P40/TMCI0/TxD2/IrTxD P52/SCK0/SCL0 P51/RxD0 P50/TxD0 RES XTAL EXTAL VCCB MD1 MD0 NMI STBY RESO Port 8 Port 7 Figure 1.1(a) Internal Block Diagram of H8S/2149 |