công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 769 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 769 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 765Page - Renesas Technology Corp H8S/2112 Datasheet HTML 766Page - Renesas Technology Corp H8S/2112 Datasheet HTML 767Page - Renesas Technology Corp H8S/2112 Datasheet HTML 768Page - Renesas Technology Corp H8S/2112 Datasheet HTML 769Page - Renesas Technology Corp H8S/2112 Datasheet HTML 770Page - Renesas Technology Corp H8S/2112 Datasheet HTML 771Page - Renesas Technology Corp H8S/2112 Datasheet HTML 772Page - Renesas Technology Corp H8S/2112 Datasheet HTML 773Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 769 / 894 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Mar. 18, 2008 Page 745 of 866
REJ09B0451-0100
24.5
Software Standby Mode
The CPU makes a transition to software standby mode when the SLEEP instruction is executed
with the SSBY bit in SBYCR set to 1, the LSON bit in LPWRCR cleared to 0, and the PSS bit in
TCSR (WDT_1) cleared to 0. In software standby mode, the CPU, on-chip peripheral modules,
and clock pulse generator all stop. However, the contents of the CPU registers and some of the on-
chip peripheral registers, and on-chip RAM data are retained as long as the prescribed voltage is
supplied. Also, the I/O port retains the state before transition to the software standby mode.
Software standby mode is cleared by an external interrupt (NMI, IRQ0 to IRQ15, KIN0 to KIN15,
or WUE0 to WUE15), PS2 interrupt, or
RES pin input.
When an external interrupt request signal is input, system clock oscillation starts, and after the
elapse of the time set in bits STS2 to STS0 in SBYCR, software standby mode is cleared, and
interrupt exception handling is started. When clearing software standby mode with an IRQ0 to
IRQ15 interrupt, set the corresponding enable bit to 1. When clearing software standby mode with
a KIN0 to KIN15 or WUE0 to WUE15 interrupt, enable the input. In these cases, ensure that no
interrupt with a higher priority than interrupts IRQ0 to IRQ15 is generated. In the case of an IRQ0
to IRQ15 interrupt, software standby mode is not cleared if the corresponding enable bit is cleared
to 0 or if the interrupt has been masked by the CPU. In the case of a KIN0 to KIN15 or WUE0 to
WUE15 interrupt, software standby mode is not cleared if the input is disabled or if the interrupt
has been masked by the CPU.
When the
RES pin is driven low, the clock pulse generator starts oscillation. Simultaneously with
the start of system clock oscillation, the system clock is supplied to the entire LSI. Note that the
RES pin must be held low until clock oscillation is stabilized. If the RES pin is driven high after
the clock oscillation stabilization time has elapsed, the CPU starts reset exception handling.
Figure 24.3 shows an example in which a transition is made to software standby mode at the
falling edge of the NMI pin, and software standby mode is cleared at the rising edge of the NMI
pin.
In this example, an NMI interrupt is accepted with the NMIEG bit in SYSCR cleared to 0 (falling
edge specification), then the NMIEG bit is set to 1 (rising edge specification), the SSBY bit is set
to 1, and a SLEEP instruction is executed, causing a transition to software standby mode.
Software standby mode is then cleared at the rising edge of the NMI pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com