công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 767 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 767 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 763Page - Renesas Technology Corp H8S/2112 Datasheet HTML 764Page - Renesas Technology Corp H8S/2112 Datasheet HTML 765Page - Renesas Technology Corp H8S/2112 Datasheet HTML 766Page - Renesas Technology Corp H8S/2112 Datasheet HTML 767Page - Renesas Technology Corp H8S/2112 Datasheet HTML 768Page - Renesas Technology Corp H8S/2112 Datasheet HTML 769Page - Renesas Technology Corp H8S/2112 Datasheet HTML 770Page - Renesas Technology Corp H8S/2112 Datasheet HTML 771Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 767 / 894 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Mar. 18, 2008 Page 743 of 866
REJ09B0451-0100
24.3
Medium-Speed Mode
The operating mode changes to medium-speed mode as soon as the current bus cycle ends by the
settings of the SCK2 to SCK0 bits in SBYCR. The operating clock can be selected from
φ/2, φ/4,
φ/8, φ/16, or φ/32. On-chip peripheral functions other than the bus masters and the PS2 operate on
the system clock (
φ).
In medium-speed mode, a bus access is executed in the specified number of states with respect to
the bus master operating clock. For example, if
φ/4 is selected as the operating clock, on-chip
memory is accessed in four states, and internal I/O registers in eight states.
A transition is made from medium-speed mode to high-speed mode at the end of the current bus
cycle by clearing all of bits SCK2 to SCK0 to 0.
If the SLEEP instruction is executed when the SSBY bit in SBYCR is 0 and the LSON bit in
LPWRCR is 0, a transition is made to sleep mode. When sleep mode is canceled by an interrupt,
medium-speed mode is restored. When the SLEEP instruction is executed with the SSBY bit set to
1, the LSON bit in LPWRCR set to 0, and the PSS bit in TCSR (WDT_1) set to 0, operation shifts
to software standby mode. When software standby mode is canceled by an external interrupt,
medium-speed mode is restored.
When the
RES pin is driven low and medium-speed mode is cancelled, operation shifts to the reset
state. The same applies to a reset caused by an overflow of the watchdog timer.
Figure 24.2 shows the timing of medium-speed mode.
peripheral module
clock
φ,
SBYCR
SBYCR
Bus master clock
Internal address bus
Medium-speed mode
Internal write signal
Figure 24.2 Timing of Medium-Speed Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com