công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 768 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 768 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 764Page - Renesas Technology Corp H8S/2112 Datasheet HTML 765Page - Renesas Technology Corp H8S/2112 Datasheet HTML 766Page - Renesas Technology Corp H8S/2112 Datasheet HTML 767Page - Renesas Technology Corp H8S/2112 Datasheet HTML 768Page - Renesas Technology Corp H8S/2112 Datasheet HTML 769Page - Renesas Technology Corp H8S/2112 Datasheet HTML 770Page - Renesas Technology Corp H8S/2112 Datasheet HTML 771Page - Renesas Technology Corp H8S/2112 Datasheet HTML 772Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 768 / 894 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Mar. 18, 2008 Page 744 of 866
REJ09B0451-0100
24.4
Sleep Mode
The CPU makes a transition to sleep mode if the SLEEP instruction is executed when the SSBY
bit in SBYCR is cleared to 0 and the LSON bit in LPWRCR is cleared to 0. In sleep mode, CPU
operation stops but the on-chip peripheral modules do not. The contents of the CPU’s internal
registers are retained.
Sleep mode is cleared by any interrupt or the
RES pin input.
When an interrupt occurs, sleep mode is cleared and interrupt exception handling starts. Sleep
mode is not cleared if the interrupt is disabled, or interrupts other than NMI have been masked by
the CPU.
When the
RES pin is driven low and sleep mode is cleared, a transition is made to the reset state.
After the specified reset input time has elapsed, driving the
RES pin high causes the CPU to start
reset exception handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com