công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 766 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 766 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 762Page - Renesas Technology Corp H8S/2112 Datasheet HTML 763Page - Renesas Technology Corp H8S/2112 Datasheet HTML 764Page - Renesas Technology Corp H8S/2112 Datasheet HTML 765Page - Renesas Technology Corp H8S/2112 Datasheet HTML 766Page - Renesas Technology Corp H8S/2112 Datasheet HTML 767Page - Renesas Technology Corp H8S/2112 Datasheet HTML 768Page - Renesas Technology Corp H8S/2112 Datasheet HTML 769Page - Renesas Technology Corp H8S/2112 Datasheet HTML 770Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 766 / 894 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Mar. 18, 2008 Page 742 of 866
REJ09B0451-0100
Table 24.3
LSI Internal States in Each Operating Mode
Function
High Speed
Medium Speed
Sleep
Module Stop
Watch
Software
Standby
System clock pulse
generator
Functioning
Functioning
Functioning Functioning
Stopped
Stopped
Subclock input
Functioning
Functioning
Functioning Functioning
Functioning
Stopped
Instruction
execution
Stopped
Stopped
Halted
CPU
Registers
Functioning
Medium-speed
operation
Retained
Functioning
Retained
Retained
NMI
IRQ0 to IRQ15
KIN0 to KIN15
External
interrupts
WUE0 to
WUE15
Functioning
Functioning
Functioning Functioning
Functioning
Functioning
WDT_1
Subclock
operation
WDT_0
Functioning
TMR_0,
TMR_1
TPU
TCM_0 to 2
TMR_X,
TMR_Y
SCIF
IIC_0
(SMBUS),
IIC_2
LPC
Functioning
PS2_0, PS2_1
Medium-speed
operation/functioning
Functioning/
stopped
(retained)
Stopped
(retained)
Stopped
(retained)
PWMUA,
PWMUB
SCI_1
A/D converter
Functioning
Functioning
Functioning
Functioning/
stopped (reset)
Stopped
(reset)
Stopped
(reset)
RAM
Functioning
Functioning
Functioning Functioning
Retained
Retained
On-chip
peripheral
modules
I/O
Functioning
Functioning
Functioning Functioning
Retained
Retained
Note:
Stopped (retained) means that the internal register values are retained and the internal
state is operation suspended.
Stopped (reset) means that the internal register values and the internal state are initialized.
In module stop mode, only modules for which a stop setting has been made are stopped
(reset or retained).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com