công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 726 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 726 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 722Page - Renesas Technology Corp H8S/2112 Datasheet HTML 723Page - Renesas Technology Corp H8S/2112 Datasheet HTML 724Page - Renesas Technology Corp H8S/2112 Datasheet HTML 725Page - Renesas Technology Corp H8S/2112 Datasheet HTML 726Page - Renesas Technology Corp H8S/2112 Datasheet HTML 727Page - Renesas Technology Corp H8S/2112 Datasheet HTML 728Page - Renesas Technology Corp H8S/2112 Datasheet HTML 729Page - Renesas Technology Corp H8S/2112 Datasheet HTML 730Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 726 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 702 of 866
REJ09B0451-0100
(f)
Operating Clock Frequency Inquiry
The boot program will return the number of operating clock frequencies, and the maximum and
minimum values.
Command
H'23
• Command, H'23, (one byte): Inquiry regarding operating clock frequencies
Response
H'33
Size
Number of operating
clock frequencies
Minimum value of
operating clock frequency
Maximum value of operating clock
frequency
…
SUM
• Response, H'33, (one byte): Response to operating clock frequency inquiry
• Size (one byte): The number of bytes that represents the minimum values, maximum values,
and the number of frequencies.
• Number of operating clock frequencies (one byte): The number of supported operating clock
frequency types (e.g. when there are two operating clock frequency types, which are the main
and peripheral clocks, the number of types will be H'02.)
• Minimum value of operating clock frequency (two bytes): The minimum value of the
multiplied or divided clock frequency.
The minimum and maximum values of the operating clock frequency represent the values in
MHz, valid to the hundredths place of MHz, and multiplied by 100. (e.g. when the value is
17.00 MHz, it will be 2000, which is H'07D0.)
• Maximum value (two bytes): Maximum value among the multiplied or divided clock
frequencies.
There are as many pairs of minimum and maximum values as there are operating clock
frequencies.
• SUM (one byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com