công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 723 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 723 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 719Page - Renesas Technology Corp H8S/2112 Datasheet HTML 720Page - Renesas Technology Corp H8S/2112 Datasheet HTML 721Page - Renesas Technology Corp H8S/2112 Datasheet HTML 722Page - Renesas Technology Corp H8S/2112 Datasheet HTML 723Page - Renesas Technology Corp H8S/2112 Datasheet HTML 724Page - Renesas Technology Corp H8S/2112 Datasheet HTML 725Page - Renesas Technology Corp H8S/2112 Datasheet HTML 726Page - Renesas Technology Corp H8S/2112 Datasheet HTML 727Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 723 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 699 of 866
REJ09B0451-0100
(b)
Device Selection
The boot program will set the supported device to the specified device code. The program will
return the selected device code in response to the inquiry after this setting has been made.
Command
H'10
Size
Device code
SUM
• Command, H'10, (one byte): Device selection
• Size (one byte): Amount of device-code data
This is fixed at 4
• Device code (four bytes): Device code (ASCII code) returned in response to the supported
device inquiry
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to the device selection command
ACK will be returned when the device code matches.
Error response
H'90
ERROR
• Error response, H'90, (one byte): Error response to the device selection command
ERROR
: (one byte): Error code
H'11: Checksum error
H'21: Device code error, that is, the device code does not match
(c)
Clock Mode Inquiry
The boot program will return the supported clock modes in response to the clock mode inquiry.
Command
H'21
• Command, H'21, (one byte): Inquiry regarding clock mode
Response
H'31
Size
Number of modes
Mode
…
SUM
• Response, H'31, (one byte): Response to the clock-mode inquiry
• Size (one byte): Amount of data that represents the number of modes and modes
• Number of clock modes (one byte): The number of supported clock modes
H'00 indicates no clock mode or the device allows to read the clock mode.
• Mode (one byte): Values of the supported clock modes (i.e. H'01 means clock mode 1.)
• SUM (one byte): Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com