công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 720 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 720 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 716Page - Renesas Technology Corp H8S/2112 Datasheet HTML 717Page - Renesas Technology Corp H8S/2112 Datasheet HTML 718Page - Renesas Technology Corp H8S/2112 Datasheet HTML 719Page - Renesas Technology Corp H8S/2112 Datasheet HTML 720Page - Renesas Technology Corp H8S/2112 Datasheet HTML 721Page - Renesas Technology Corp H8S/2112 Datasheet HTML 722Page - Renesas Technology Corp H8S/2112 Datasheet HTML 723Page - Renesas Technology Corp H8S/2112 Datasheet HTML 724Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 720 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 696 of 866
REJ09B0451-0100
4. Programming of 128 bytes
The size is not specified in commands. The size of n is indicated in response to the
programming unit inquiry.
5. Memory read response
This response consists of four bytes of data.
Command or response
Size
Data
Checksum
Error response
Error code
Command or response
Error response
n-byte command or
n-byte response
One-byte command
or one-byte response
Address
Command
Data (n bytes)
Checksum
128-byte programming
Size
Response
Data
Checksum
Memory read
response
Figure 22.20 Communication Protocol Format
• Command (one byte): Commands including inquiries, selection, programming, erasing, and
checking
• Response (one byte): Response to an inquiry
• Size (one byte): The amount of data for transmission excluding the command, amount of data,
and checksum
• Data (n bytes): Detailed data of a command or response
• Checksum (one byte): The checksum is calculated so that the total of all values from the
command byte to the SUM byte becomes H'00.
• Error response (one byte): Error response to a command
• Error code (one byte): Type of the error
• Address (four bytes): Address for programming
• Data (n bytes): Data to be programmed (the size is indicated in the response to the
programming unit inquiry.)
• Data Size (four bytes): Four-byte response to a memory read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com