công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 724 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 724 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 720Page - Renesas Technology Corp H8S/2112 Datasheet HTML 721Page - Renesas Technology Corp H8S/2112 Datasheet HTML 722Page - Renesas Technology Corp H8S/2112 Datasheet HTML 723Page - Renesas Technology Corp H8S/2112 Datasheet HTML 724Page - Renesas Technology Corp H8S/2112 Datasheet HTML 725Page - Renesas Technology Corp H8S/2112 Datasheet HTML 726Page - Renesas Technology Corp H8S/2112 Datasheet HTML 727Page - Renesas Technology Corp H8S/2112 Datasheet HTML 728Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 724 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 700 of 866
REJ09B0451-0100
(d)
Clock Mode Selection
The boot program will set the specified clock mode. The program will return the selected clock-
mode information after this setting has been made.
The clock-mode selection command should be sent after the device-selection commands.
Command
H'11
Size
Mode
SUM
• Command, H'11, (one byte): Selection of clock mode
• Size (one byte): Amount of data that represents the modes
• Mode (one byte): A clock mode returned in reply to the supported clock mode inquiry.
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to the clock mode selection command
ACK will be returned when the clock mode matches.
Error Response
H'91
ERROR
• Error response, H'91, (one byte): Error response to the clock mode selection command
• ERROR
: (one byte): Error code
H'11: Checksum error
H'22: Clock mode error, that is, the clock mode does not match.
Even if the clock mode numbers are H'00 and H'01 by a clock mode inquiry, the clock mode must
be selected using these respective values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com