công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 716 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 716 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 712Page - Renesas Technology Corp H8S/2112 Datasheet HTML 713Page - Renesas Technology Corp H8S/2112 Datasheet HTML 714Page - Renesas Technology Corp H8S/2112 Datasheet HTML 715Page - Renesas Technology Corp H8S/2112 Datasheet HTML 716Page - Renesas Technology Corp H8S/2112 Datasheet HTML 717Page - Renesas Technology Corp H8S/2112 Datasheet HTML 718Page - Renesas Technology Corp H8S/2112 Datasheet HTML 719Page - Renesas Technology Corp H8S/2112 Datasheet HTML 720Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 716 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 692 of 866
REJ09B0451-0100
22.10
Switching between User MAT and User Boot MAT
It is possible to switch between the user MAT and user boot MAT. However, the following
procedure is required because both of these MATs are allocated to address 0.
(Switching to the user boot MAT disables programming and erasing. Programming of the user
boot MAT should take place in boot mode or programmer mode.)
1. MAT switching by FMATS should always be executed from the on-chip RAM.
2. To ensure that switching has finished and access is made to the newly switched MAT, execute
four NOP instructions in the same on-chip RAM immediately after writing to FMATS (this
prevents access to the flash memory during MAT switching).
3. If an interrupt has occurred during switching, there is no guarantee of which memory MAT is
being accessed.
Always mask the maskable interrupts before switching between MATs. In addition, configure
the system so that NMI interrupts do not occur during MAT switching.
4. After the MATs have been switched, take care because the interrupt vector table will also have
been switched.
5. Memory sizes of the user MAT and user boot MAT are different. Do not access a user boot
MAT in a space of 8 kbytes or more. If access goes beyond the 8-kbyte space, the values read
are undefined.
<User MAT>
<On-chip RAM>
<User boot MAT>
Procedure for
switching to
user boot MAT
Procedure for
switching to
user MAT
Procedure for switching to user boot MAT:
Procedure for switching to user MAT:
1. Disable interrupts (mask).
2. Write H'AA to FMATS.
3. Execute four NOP instructions before accessing the user boot MAT.
1. Disable interrupts (mask).
2. Write any value of H'AB to HFF to FMATS.
3. Execute four NOP instructions before accessing the user MAT.
Figure 22.17 Switching between User MAT and User Boot MAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com