công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 730 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 730 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 726Page - Renesas Technology Corp H8S/2112 Datasheet HTML 727Page - Renesas Technology Corp H8S/2112 Datasheet HTML 728Page - Renesas Technology Corp H8S/2112 Datasheet HTML 729Page - Renesas Technology Corp H8S/2112 Datasheet HTML 730Page - Renesas Technology Corp H8S/2112 Datasheet HTML 731Page - Renesas Technology Corp H8S/2112 Datasheet HTML 732Page - Renesas Technology Corp H8S/2112 Datasheet HTML 733Page - Renesas Technology Corp H8S/2112 Datasheet HTML 734Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 730 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 706 of 866
REJ09B0451-0100
(k)
New Bit-Rate Selection
The boot program will set a new bit rate and return the new bit rate.
This selection should be sent after sending the clock mode selection command.
Command
H'3F
Size
Bit rate
Input frequency
Number of division
ratios
Division ratio
1
Division ratio
2
SUM
• Command, H'3F, (one byte): Selection of new bit rate
• Size (one byte): The total number of bytes that represents the bit rate, input frequency, number
of division ratios, and division ratio
• Bit rate (two bytes): New bit rate
One hundredth of the value (e.g. when the value is 19200 bps, it will be 192, which is H'00C0.)
• Input frequency (two bytes): Frequency of the clock input to the boot program
This is valid to the hundredths place and represents the value in MHz multiplied by 100. (E.g.
when the value is 20.00 MHz, it will be 2000, which is H'07D0.)
• Number of division ratios (one byte): The number of division ratios to which the device can be
set.
There are usually two division ratios, which are the main and peripheral module operating
frequencies.
• Division ratio 1 (one byte): The value of division ratios for the main operating frequency
Division ratio: The inverse of the division ratio, as a negative number (e.g. when the clock
frequency is divided by two, the value of division ratio will be H'FE. H'FE = D'-2)
• Division ratio 2 (one byte): The value of division ratios for the peripheral frequency
(Division ratio: The inverse of the division ratio, as a negative number (E.g. when the clock is
divided by two, the value of division ratio will be H'FE. H'FE = D'-2)
• SUM (one byte): Checksum
Response
H'06
• Response, H'06, (one byte): Response to selection of a new bit rate
When it is possible to set the bit rate, the response will be ACK.
Error Response
H'BF
ERROR
• Error response, H'BF, (one byte): Error response to selection of new bit rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com