| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7261 bảng dữ liệu(PDF) 166 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 bảng dữ liệu(HTML) 166 Page - Renesas Technology Corp |
|
166 / 1348 page ![]() Section 6 Interrupt Controller (INTC) Rev. 2.00 Sep. 07, 2007 Page 134 of 1312 REJ09B0320-0200 6.3.11 DMA Transfer Request Enable Register 1 (DREQER1) DMA transfer request enable register 1 (DREQER1) is an 8-bit readable/writable register that enables/disables the SCIF (channels 0 to 3) DMA transfer requests, and enables/disables CPU interrupt requests. DMA transfer request enable register 1 is initialized by a power-on reset or in deep standby mode. 0 1 2 3 4 5 6 7 00 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W SCIF 3ch TX SCIF 3ch RX SCIF 2ch TX SCIF 2ch RX SCIF 1ch TX SCIF 1ch RX SCIF 0ch TX SCIF 0ch RX Bit: Initial value: R/W: Bit Bit Name Initial Value R/W Description 7 SCIF 3ch TX 0 R/W 6 SCIF 3ch RX 0 R/W 5 SCIF 2ch TX 0 R/W 4 SCIF 2ch RX 0 R/W 3 SCIF 1ch TX 0 R/W 2 SCIF 1ch RX 0 R/W 1 SCIF 0ch TX 0 R/W 0 SCIF 0ch RX 0 R/W DMA Transfer Request Enable Bits These bits enable/disable DMA transfer requests, and enable/disable CPU interrupt requests. 0: DMA transfer request disabled, CPU interrupt request enabled 1: DMA transfer request enabled, CPU interrupt request disabled |