| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7261 bảng dữ liệu(PDF) 101 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 bảng dữ liệu(HTML) 101 Page - Renesas Technology Corp |
|
101 / 1348 page ![]() Section 3 Floating-Point Unit (FPU) Rev. 2.00 Sep. 07, 2007 Page 69 of 1312 REJ09B0320-0200 Table 3.2 Floating-Point Ranges Type Single-Precision Double-Precision Signaling non-number H'7FFF FFFF to H'7FC0 0000 H'7FFF FFFF FFFF FFFF to H'7FF8 0000 0000 0000 Quiet non-number H'7FBF FFFF to H'7F80 0001 H'7FF7 FFFF FFFF FFFF to H'7FF0 0000 0000 0001 Positive infinity H'7F80 0000 H'7FF0 0000 0000 0000 Positive normalized number H'7F7F FFFF to H'0080 0000 H'7FEF FFFF FFFF FFFF to H'0010 0000 0000 0000 Positive denormalized number H'007F FFFF to H'0000 0001 H'000F FFFF FFFF FFFF to H'0000 0000 0000 0001 Positive zero H'0000 0000 H'0000 0000 0000 0000 Negative zero H'8000 0000 H'8000 0000 0000 0000 Negative denormalized number H'8000 0001 to H'807F FFFF H'8000 0000 0000 0001 to H'800F FFFF FFFF FFFF Negative normalized number H'8080 0000 to H'FF7F FFFF H'8010 0000 0000 0000 to H'FFEF FFFF FFFF FFFF Negative infinity H'FF80 0000 H'FFF0 0000 0000 0000 Quiet non-number H'FF80 0001 to H'FFBF FFFF H'FFF0 0000 0000 0001 to H'FFF7 FFFF FFFF FFFF Signaling non-number H'FFC0 0000 to H'FFFF FFFF H'FFF8 0000 0000 0000 to H'FFFF FFFF FFFF FFFF 3.2.2 Non-Numbers (NaN) Figure 3.3 shows the bit pattern of a non-number (NaN). A value is NaN in the following case: • Sign bit: Don't care • Exponent field: All bits are 1 • Fraction field: At least one bit is 1 The NaN is a signaling NaN (sNaN) if the MSB of the fraction field is 1, and a quiet NaN (qNaN) if the MSB is 0. |