| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F211B2DSP bảng dữ liệu(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F211B2DSP bảng dữ liệu(HTML) 28 Page - Renesas Technology Corp |
|
28 / 339 page ![]() R8C/1A Group, R8C/1B Group 1. Overview Rev.1.30 Dec 08, 2006 Page 12 of 315 REJ09B0252-0130 1.6 Pin Functions Table 1.5 lists Pin Functions, Table 1.6 lists Pin Name Information by Pin Number of PLSP0020JB-A, PRDP0020BA-A Packages and Table 1.7 lists Pin Name Information by Pin Number of PWQN0028KA- B Package. I: Input O: Output I/O: Input and output Table 1.5 Pin Functions Type Symbol I/O Type Description Power Supply Input VCC, VSS I Apply 2.7 V to 5.5 V to the VCC pin. Apply 0 V to the VSS pin. Analog Power Supply Input AVCC, AVSS I Power supply for the A/D converter Connect a capacitor between AVCC and AVSS. Reset Input RESET I Input “L” on this pin resets the MCU. MODE MODE I Connect this pin to VCC via a resistor. Main Clock Input XIN I These pins are provided for main clock generation circuit I/O. Connect a ceramic resonator or a crystal oscillator between the XIN and XOUT pins. To use an external clock, input it to the XIN pin and leave the XOUT pin open. Main Clock Output XOUT O INT Interrupt INT0, INT1, INT3 I INT interrupt input pins Key Input Interrupt KI0 to KI3 I Key input interrupt input pins Timer X CNTR0 I/O Timer X I/O pin CNTR0 O Timer X output pin Timer Z TZOUT O Timer Z output pin Timer C TCIN I Timer C input pin CMP0_0 to CMP0_2, CMP1_0 to CMP1_2 O Timer C output pins Serial Interface CLK0 I/O Transfer clock I/O pin RXD0, RXD1 I Serial data input pins TXD0, TXD1 O Serial data output pins Clock synchronous serial I/O with chip select (SSU) SSI00, SSI01 I/O Data I/O pin. SCS I/O Chip-select signal I/O pin SSCK I/O Clock I/O pin SSO I/O Data I/O pin I2C bus Interface SCL I/O Clock I/O pin SDA I/O Data I/O pin Reference Voltage Input VREF I Reference voltage input pin to A/D converter A/D Converter AN8 to AN11 I Analog input pins to A/D converter I/O Port P1_0 to P1_7, P3_3 to P3_5, P3_7, P4_5 I/O CMOS I/O ports. Each port has an I/O select direction register, allowing each pin in the port to be directed for input or output individually. Any port set to input can be set to use a pull-up resistor or not by a program. P1_0 to P1_3 also function as LED drive ports. Input Port P4_2, P4_6, P4_7 I Input-only ports |