công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F211B2DSP bảng dữ liệu(PDF) 46 Page - Renesas Technology Corp

tên linh kiện R5F211B2DSP
Giải thích chi tiết về linh kiện  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B2DSP bảng dữ liệu(HTML) 46 Page - Renesas Technology Corp

Back Button R5F211B2DSP Datasheet HTML 42Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 43Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 44Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 45Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 46Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 47Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 48Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 49Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 339 page
background image
R8C/1A Group, R8C/1B Group
5. Programmable I/O Ports
Rev.1.30
Dec 08, 2006
Page 30 of 315
REJ09B0252-0130
Figure 5.7
P4 Register
Figure 5.8
PMR Register
Port P4 Register
Symbol
Address
After Reset
P4
00E8h
Undefined
Bit Symbol
Bit Name
Function
RW
Nothing is assigned. If necessary, set to 0 (“L” level).
When read, the content is 0.
The level of the pin can be read by reading the bit.
0 : “L” level
1 : “H” level
Nothing is assigned. If necessary, set to 0 (“L” level).
When read, the content is 0.
The pin level of any I/O port w hich is set to input mode
can be read by reading the corresponding bit in this
register. The pin level of any I/O port w hich is set to
output mode can be controlled by w riting to the
corresponding bit in this register.
0 : “L” level
1 : “H” level
RW
Port P4_6 bit
R
Port P4_2 bit
R
—
The level of the pin can be read by reading the bit.
0 : “L” level
1 : “H” level
R
—
Port P4_7 bit
Port P4_5 bit
P4_5
—
(b1-b0)
P4_7
P4_6
b7 b6 b5 b4 b3 b2 b1
—
(b4-b3)
b0
P4_2
Port Mode Register
Symbol
Address
After Reset
PMR
00F8h
00h
Bit Symbol
Bit Name
Function
RW
00 0
b7 b6 b5 b4 b3 b2
0
b1
0
b0
0
RW
Reserved bits
SSISEL
SSI signal pin select bit
—
(b2-b0)
—
(b6-b4)
IICSEL
RW
0 : Selects SSU function.
1 : Selects I2C bus function.
Set to 0.
0 : P3_3 pin is used for SSI00 pin.
1 : P1_6 pin is used for SSI01 pin.
Set to 0.
RW
Reserved bits
SSU / I2C bus sw itch bit
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com